| Moteur de recherche de fiches techniques de composants électroniques |
|
LPC4350 Fiches technique(PDF) 39 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC4350 Fiches technique(HTML) 39 Page - NXP Semiconductors |
|
39 / 153 page ![]() LPC4350_30_20_10 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 4 — 26 March 2013 39 of 153 NXP Semiconductors LPC4350/30/20/10 32-bit ARM Cortex-M4/M0 microcontroller PA_3 H11 E10 - 147 - [3] N; PU I/O GPIO4[10] — General purpose digital input/output pin. I QEI_PHA — Quadrature Encoder Interface PHA input. - R — Function reserved. - R — Function reserved. - R — Function reserved. - R — Function reserved. - R — Function reserved. - R — Function reserved. PA_4 G13 E12 - 151 - [2] N; PU - R — Function reserved. O CTOUT_9 — SCT output 9. Match output 3 of timer 3. - R — Function reserved. I/O EMC_A23 — External memory address line 23. I/O GPIO5[19] — General purpose digital input/output pin. - R — Function reserved. - R — Function reserved. - R — Function reserved. PB_0 B15 D14 - 164 - [2] N; PU - R — Function reserved. O CTOUT_10 — SCT output 10. Match output 3 of timer 3. O LCD_VD23 — LCD data. - R — Function reserved. I/O GPIO5[20] — General purpose digital input/output pin. - R — Function reserved. - R — Function reserved. - R — Function reserved. PB_1 A14 A13 - 175 - [2] N; PU - R — Function reserved. I USB1_ULPI_DIR — ULPI link DIR signal. Controls the ULP data line direction. O LCD_VD22 — LCD data. - R — Function reserved. I/O GPIO5[21] — General purpose digital input/output pin. O CTOUT_6 — SCT output 6. Match output 2 of timer 1. - R — Function reserved. - R — Function reserved. Table 3. Pin description …continued LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2. Symbol Description |