| Moteur de recherche de fiches techniques de composants électroniques |
|
DRT2-TS04P Fiches technique(PDF) 23 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
DRT2-TS04P Fiches technique(HTML) 23 Page - Omron Electronics LLC |
|
23 / 28 page ![]() 26 DRT2-Series Smart Slave Product name Shape Model Specifications Approved standards Screw-less Clamp Terminals with Transistors DRT2-ID32SLH 32 inputs, NPN ( + common) with detection functions UC, CE DRT2-ID32SLH-1 32 inputs, PNP ( − common) with detection functions DRT2-OD32SLH 32 outputs, NPN ( − common) with detection functions DRT2-OD32SLH-1 32 outputs, PNP ( + common) with detection functions DRT2-MD32SLH 16 inputs/16 outputs, NPN (inputs: + common/outputs: − common) with detection functions DRT2-MD32SLH-1 16 inputs/16 outputs, PNP (inputs: − common/outputs: + common) with detection functions DRT2-ID32SL 32 inputs, NPN ( + common) without detection functions DRT2-ID32SL-1 32 inputs, PNP ( − common) without detection functions DRT2-OD32SL 32 outputs, NPN ( − common) without detection function DRT2-OD32SL-1 32 outputs, PNP ( + common) without detection function DRT2-MD32SL 16 inputs/16 outputs, NPN (inputs: + common/outputs: − common) without detection function DRT2-MD32SL-1 16 inputs/16 outputs, PNP (inputs: − common/outputs: + common) without detection function Environment-resistive Terminals with Transistors DRT2-ID08C 8 inputs, NPN ( + common) with detection functions UC, CE DRT2-ID08C-1 8 inputs, PNP ( − common) with detection functions DRT2-OD08C 8 outputs, NPN ( − common) with detection functions DRT2-OD08C-1 8 outputs, PNP ( + common) with detection functions DRT2-HD16C 16 inputs, NPN ( + common) with detection functions DRT2-HD16C-1 16 inputs, PNP ( − common) with detection functions Environment-resistive Terminals with Transistors DRT2-ID04CL 4 inputs, NPN ( + common) without detection functions UC, CE DRT2-ID04CL-1 4 inputs, PNP ( − common) without detection functions DRT2-OD04CL 4 outputs, NPN ( − common) without detection functions DRT2-OD04CL-1 4 outputs, PNP ( + common) without detection functions DRT2-ID08CL 8 inputs, NPN ( + common) without detection functions UC, CE DRT2-ID08CL-1 8 inputs, PNP ( − common) without detection functions ÅDRT2-OD08CL 8 outputs, NPN ( − common) without detection functions DRT2-OD08CL-1 8 outputs, PNP ( + common) without detection functions DRT2-HD16CL 16 inputs, NPN ( + common) without detection functions DRT2-HD16CL-1 16 inputs, PNP ( − common) without detection functions DRT2-WD16CL 16 outputs, NPN ( − common) without detection functions DRT2-WD16CL-1 16 outputs, PNP ( + common) without detection functions DRT2-MD16CL 8 inputs/8 outputs, NPN (inputs: + common/outputs: − common) without detection function DRT2-MD16CL-1 8 inputs/8 outputs, PNP (inputs: − common/outputs: + common) without detection function e-con Connector Terminals DRT2-ID16S 16 inputs, NPN ( + common) UC, CE DRT2-ID16S-1 16 inputs, PNP ( − common) DRT2-MD16S 8 inputs/8 outputs, NPN (inputs: + common/outputs: − common) DRT2-MD16S-1 8 inputs/8 outputs, PNP (inputs: − common/outputs: + common) Analog Input Terminals DRT2-AD04 4 inputs (resolution: 6,000) UC, CE DRT2-AD04H 4 inputs (resolution: 30,000) Analog Output Terminals DRT2-DA02 2 outputs Temperature Input Terminals with Thermocouple Inputs DRT2-TS04T 4 inputs U, CE Temperature Input Terminals with Resistance-thermometer Inputs DRT2-TS04P 4 inputs |