Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DRT2-TS04P Fiches technique(PDF) 2 Page - Omron Electronics LLC

No de pièce DRT2-TS04P
Description  Remote I/O Terminals with Transistors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

DRT2-TS04P Fiches technique(HTML) 2 Page - Omron Electronics LLC

  DRT2-TS04P Datasheet HTML 1Page - Omron Electronics LLC DRT2-TS04P Datasheet HTML 2Page - Omron Electronics LLC DRT2-TS04P Datasheet HTML 3Page - Omron Electronics LLC DRT2-TS04P Datasheet HTML 4Page - Omron Electronics LLC DRT2-TS04P Datasheet HTML 5Page - Omron Electronics LLC DRT2-TS04P Datasheet HTML 6Page - Omron Electronics LLC DRT2-TS04P Datasheet HTML 7Page - Omron Electronics LLC DRT2-TS04P Datasheet HTML 8Page - Omron Electronics LLC DRT2-TS04P Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Operating time monitor error or contact
operation count monitor error
2
3
OMRON's DRT2-series Smart Slaves do not just input and output ON/OFF signals. They collect a variety
of value-added information to help increase the rate of operation without changing the wiring for
existing DeviceNet networks. In particular, they allow the separation of control systems and
maintenance systems so that maintenance systems can be created independently of control systems.
PLC
Configurator
Control I/O
DRT2-series
Smart Slave
Pneumatic valve
(Connected device
comment)
Maintenance information
Easy-to-view
Display
2
3
Sensor
(Connected device
comment)
Cylinder
(Connected device comment)
Control System
Maintenance System
Maintenance System
Control System
Operating time, contact operation
counter
Machine Operation
Monitored by Slave
Faster Maintenance
Work
1
Use production site information in a variety of applications,
such as maintenance and quality control.
The Slave can hold comments, allowing
quick identification of fault locations and
faulty devices.
The Slave Unit represents
machine operating time and
operational changes as data,
enabling monitoring without
increasing the load between
controllers.
By counting the number of
ON/OFF operations and the
total operating time, the Slave
Unit can provide notification
when maintenance is required.
Measuring
Counting
Maintenance is
required for
cylinder 23A in
inspection line A!
All data can be converted to electronic format and,
by combining with an OMRON PLC (CS/CJ Series),
checked directly from Ethernet or the Internet to
allow remote maintenance.
Information monitoring for
each Slave
Collect a variety of data from maintenance systems without
influencing control systems and productivity.
Using OMRON Temperature Input Terminals for
Maintenance
Slave comment
Status confirmation using the status icon
Unit conduction time monitor error
Communications power voltage monitor error
If it takes too long
to modify the
ladder program on
the Master when a
Temperature
Sensor is replaced:
Slaves internally
convert display values
to temperature input
values so the Controller
program no longer has
to be modified to
perform this task.
Short Startup
If prolonging the
time it takes to
reach a certain
temperature may
degrade
equipment:
The operating time of a preset temperature range is counted in 1-s units.
The peaks or valleys of temperature inputs that change in a regular pattern
are counted to predict when devices operating with severe temperature
swings are due for maintenance.
Failure Prediction
and Maintenance
Sensor replaced by one
with a different input range
Operating time
Indicator service
life control
Time
Input
Semiconductor
manufacturing equipment
Scaling performed
inside the Slave
Slaves can notify the
Master when a setting
is exceeded.
Scaling points for 0%
and 100% are set from
the Configurator
Maintenance System
Maintenance System
Control System
Control System
DRT2-series
Smart Slave
DeviceNet
Configurator
Ethernet
Maintenance information
PLC
Control
information
Unit conduction
time monitor
(See note.)
Operating time
monitor
External load
short-circuit detection
Contact operation
counter (See note.)
I/O power status
monitor
Communication error
history monitor
Network power
voltage monitor
Note: The contact operation counter function and the unit conduction time monitor function cannot be used simultaneously.
Operating time monitor
Contact operation counter
Unit conduction time monitor
Slave and connected component comments
I/O power status monitor
Reliable equipment
startup
Preventive maintenance
of equipment
Reduced startup time
Reduced downtime
It's time for
motor
maintenance!
What is the
present
communications
voltage?
The cylinder's
speed is
incorrect!
It might be time
for a switch
inspection!
Is the I/O
power supply
turned ON?
What was the
cause
of the error?
Communication error history
monitor
Network power voltage monitor
The wiring to
the I/O device is
short-circuited
or broken!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28