Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

JS28F128P33TF70A Fiches technique(PDF) 79 Page - Microchip Technology

No de pièce JS28F128P33TF70A
Description  128-Mbit, 64-Mbit Single Bit per Cell (SBC)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

JS28F128P33TF70A Fiches technique(HTML) 79 Page - Microchip Technology

Back Button JS28F128P33TF70A Datasheet HTML 75Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 76Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 77Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 78Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 79Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 80Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 81Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 82Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 88 page
background image
Datasheet
Jul 2011
79
Order Number:208034-04
P33-65nm SBC
Figure 36: OTP Register Programming Flowchart
Start
Confirm Data
- Write OTP Address and Data
Yes
SR.7 = '1'
?
End
No
Read Status Register
- Toggle CE# or OE# to update Status Register
- See Status Register Flowchart
OTP Program Setup
- Write 0xC0
- OTP Address
Check Ready Status
- Read Status Register Command not required
- Perform read operation
- Read Ready Status on signal SR.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88