Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

JS28F128P33TF70A Fiches technique(PDF) 71 Page - Microchip Technology

No de pièce JS28F128P33TF70A
Description  128-Mbit, 64-Mbit Single Bit per Cell (SBC)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

JS28F128P33TF70A Fiches technique(HTML) 71 Page - Microchip Technology

Back Button JS28F128P33TF70A Datasheet HTML 67Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 68Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 69Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 70Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 71Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 72Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 73Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 74Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 88 page
background image
Datasheet
Jul 2011
71
Order Number:208034-04
P33-65nm SBC
Table 41: CFI Link Information
Length
Description
(Optional flash features and commands)
Add.
Hex
Code
Value
4
CFI Link Field bit definitions
Bits 0-9 = Address offset (within 32Mbit segment) of referenced CFI table
Bits 10-27 = nth 32Mbit segment of referenced CFI table
Bits 28-30 = Memory Type
Bit 31 = Another CFI Link field immediately follows
152:
153:
154:
155:
-FF
1
CFI Link Field Quantity Subfield definitions
Bits 0-3 = Quantity field (n such that n+1 equals quantity)
Bit 4 = Table & Die relative location
Bit 5 = Link Field & Table relative location
Bits 6-7 = Reserved
156:
-FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88