| Moteur de recherche de fiches techniques de composants électroniques |
|
PSD301-B-15L Fiches technique(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD301-B-15L Fiches technique(HTML) 3 Page - STMicroelectronics |
|
3 / 85 page ![]() Obsolete Product(s) - Obsolete Product(s) Obsolete Product(s) - Obsolete Product(s) ii PSD3XX Family PSD3XX ZPSD3XX ZPSD3XXV PSD3XXR ZPSD3XXR ZPSD3XXRV Low Cost Microcontroller Peripherals Table of Contents (cont.) 18 Specifications......................................................................................................................................................37 18.1 Absolute Maximum Ratings .....................................................................................................................37 18.2 Operating Range .....................................................................................................................................37 18.3 Recommended Operating Conditions......................................................................................................37 18.4 Pin Capacitance.......................................................................................................................................37 18.5 AC/DC Characteristics – PSD3XX/ZPSD3XX (All 5 V devices) ..............................................................38 18.6 AC/DC Characteristics – PSD3XXV (3 V devices only)...........................................................................39 18.7 Timing Parameters – PSD3XX/ZPSD3XX (All 5 V devices)....................................................................40 18.8 Timing Parameters – ZPSD3XXV (3 V devices only) ..............................................................................42 18.9 Timing Diagrams for PSD3XX Parts.......................................................................................................44 18.10 AC Testing ...............................................................................................................................................65 19 Pin Assignments .................................................................................................................................................66 20 Package Information ...........................................................................................................................................67 21 Package Drawings ..............................................................................................................................................68 22 PSD3XX Product Ordering Information ..............................................................................................................72 22.1 PSD3XX Selector Guide..........................................................................................................................72 22.2 Part Number Construction .......................................................................................................................73 22.3 Ordering Information................................................................................................................................73 23 Data Sheet Revision History ...............................................................................................................................80 Obsolete Product(s) - Obsolete Product(s) |