Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PSD301-B-15L Fiches technique(PDF) 72 Page - STMicroelectronics

No de pièce PSD301-B-15L
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD301-B-15L Fiches technique(HTML) 72 Page - STMicroelectronics

Back Button PSD301-B-15L Datasheet HTML 68Page - STMicroelectronics PSD301-B-15L Datasheet HTML 69Page - STMicroelectronics PSD301-B-15L Datasheet HTML 70Page - STMicroelectronics PSD301-B-15L Datasheet HTML 71Page - STMicroelectronics PSD301-B-15L Datasheet HTML 72Page - STMicroelectronics PSD301-B-15L Datasheet HTML 73Page - STMicroelectronics PSD301-B-15L Datasheet HTML 74Page - STMicroelectronics PSD301-B-15L Datasheet HTML 75Page - STMicroelectronics PSD301-B-15L Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 85 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
PSD3XX Family
69
Family: Ceramic Leaded Chip Carrier – CERQUAD
Millimeters
Inches
Symbol
Min
Max
Notes
Min
Max
Notes
A
3.94
4.57
0.155
0.180
A1
2.29
2.92
0.090
0.115
A2
3.05
3.68
0.120
0.145
B
0.43
0.53
0.017
0.021
B1
0.66
0.81
0.026
0.032
C
0.15
0.25
0.006
0.010
D
17.40
17.65
0.685
0.695
D1
16.31
16.66
0.642
0.656
D2
14.73
16.26
0.580
0.640
D3
12.70
Reference
0.500
Reference
E
17.40
17.65
0.685
0.695
E1
16.31
16.66
0.642
0.656
E2
14.73
16.26
0.580
0.640
E3
12.70
Reference
0.500
Reference
e1
1.27
Reference
0.050
Reference
N44
44
030195R8
Drawing L4 – 44-Pin Pocketed Ceramic Leaded Chip Carrier (CLDCC) – CERQUAD (Package Type L)
D3
B1
B
A1
A
E1
E
44
D2
A2
C
1
2
3
E2
D1
D
E3
e1
View A
Commercial and Industrial
packages include the lead pocket
on the underside of the package
but Military packages do not.
View A
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85