Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MS-101007 Fiches technique(PDF) 32 Page - Amphenol Corporation

No de pièce MS-101007
Description  the interchangeability and operating characteristics are determined by U.S. Military Specifications.
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMPHENOL [Amphenol Corporation]
Site Internet  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MS-101007 Fiches technique(HTML) 32 Page - Amphenol Corporation

Back Button MS-101007 Datasheet HTML 28Page - Amphenol Corporation MS-101007 Datasheet HTML 29Page - Amphenol Corporation MS-101007 Datasheet HTML 30Page - Amphenol Corporation MS-101007 Datasheet HTML 31Page - Amphenol Corporation MS-101007 Datasheet HTML 32Page - Amphenol Corporation MS-101007 Datasheet HTML 33Page - Amphenol Corporation MS-101007 Datasheet HTML 34Page - Amphenol Corporation MS-101007 Datasheet HTML 35Page - Amphenol Corporation MS-101007 Datasheet HTML 36Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
30
MS And 97B Series
Rubber bushing. Protects wire bundles and unjacketed cables from possible damage by cable clamp.
Neoprene Sleeve
MS-3420
D
F
E
450
Part number
MS-3420-3
3.30
5.33
9.50
73.02
0.79
MS-3420-4
5.59
7.67
12.70
69.85
MS-3420-6
7.92
10.84
15.59
66.67
MS-3420-8
11.10
14.02
18.77
63.50
MS-3420-10
14.27
15.62
21.94
60.32
MS-3420-12
15.87
18.80
26.23
56.20
MS-3420-16
19.05
23.54
26.39
53.97
MS-3420-20
23.80
31.50
40.41
50.80
MS-3420-24
31.75
34.67
46.79
47.62
A
B
C
D
E Rad
in inches
F Rad
in inches
All dimensions are in mm
0.79
0.79
1.59
1.59
1.59
1.59
1.59
1.59
0.79
0.79
1.59
1.59
1.59
1.59
1.59
1.59
1.59
Other Accessories
Plain flat gasket
For MS and 97B flange mounted receptacles
All dimensions are in mm
Part number
MS-101000
10SL
15.90
25.40
4.35
4.35
4.35
4.35
5.15
5.15
5.15
5.15
5.15
5.55
5.55
5.55
27.80
30.15
32.50
34.90
38.10
41.20
44.45
50.80
57.15
63.50
69.85
18.26
20.62
23.01
24.61
27.00
29.36
31.75
34.90
39.70
44.45
49.22
55.77
19.05
22.20
25.40
28.57
31.75
34.90
38.10
44.45
50.80
55.57
61.92
12S & 12
14S & 14
16S & 16
18
20
22
24
28
32
36
40
MS-108686
MS-101001
MS-101002
MS-101003
MS-101004
MS-101005
MS-108687
MS-101007
MS-110831
MS-101006
MS-108688
Shell size
A max
B
C
D
T
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
B
D
4 HOLES
O
A
C
O
T
AMPHENOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40