Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MS-101007 Fiches technique(PDF) 29 Page - Amphenol Corporation

No de pièce MS-101007
Description  the interchangeability and operating characteristics are determined by U.S. Military Specifications.
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMPHENOL [Amphenol Corporation]
Site Internet  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MS-101007 Fiches technique(HTML) 29 Page - Amphenol Corporation

Back Button MS-101007 Datasheet HTML 25Page - Amphenol Corporation MS-101007 Datasheet HTML 26Page - Amphenol Corporation MS-101007 Datasheet HTML 27Page - Amphenol Corporation MS-101007 Datasheet HTML 28Page - Amphenol Corporation MS-101007 Datasheet HTML 29Page - Amphenol Corporation MS-101007 Datasheet HTML 30Page - Amphenol Corporation MS-101007 Datasheet HTML 31Page - Amphenol Corporation MS-101007 Datasheet HTML 32Page - Amphenol Corporation MS-101007 Datasheet HTML 33Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
27
Back Accessories
Strain relief backshell with grommet and sleeve
Class E and F
Right Angle Backshell With Or Without Grommet
Class A, F & R
L
A
All dimensions are in mm
Connector
Size
37.60
37.80
47.30
39.40
48.90
42.60
52.10
53.70
58.80
58.80
63.60
63.60
69.60
72.80
72.80
76.00
45.00
25.00
25.00
25.00
27.00
27.00
28.00
28.00
31.00
34.00
34.00
37.00
39.00
45.00
48.00
22.22
25.40
25.40
28.57
28.57
31.75
31.75
34.13
37.30
40.48
43.66
50.00
56.50
62.71
---
---
47.00
---
48.00
57.00
58.00
61.00
61.00
66.00
66.00
72.00
75.00
78.00
5/8-24 UNEF
5/8-24 UNEF
5/8-24 UNEF
3/4-20 UNEF
3/4-20 UNEF
7/8-20 UNEF
7/8-20 UNEF
1-20 UNEF
1 3/16-18 UNEF
1 3/16-18 UNEF
1 7/16-18 UNEF
1 7/16-18 UNEF
1 3/4-18 UNS
2-18 UNS
2 1/4 -16 UN
10SL
12S
14S
14
12
16S
16
18
20
22
24
28
32
36
L max
for MS
L max
for 97B
L1
max
Q
max
V
Thread
in inches
All dimensions are in mm
Connector
Size
54.07
55.90
55.90
64.41
65.94
67.41
67.41
73.28
73.28
74.75
74.75
74.75
86.0
54.07
59.10
---
61.34
62.86
71.10
72.55
72.55
76.82
77.82
77.64
125.0
21.97
21.97
25.15
28.45
28.45
30.76
37.29
37.29
44.45
52.22
44.45
57.15
67.10
10SL
12S
14S
16S
16
18
20
22
24
28
32
36
L max
for MS
L max
for 97B
N
max
5/8-24 NEF
11/16-24 NEF
7/8-20 UNEF
3/4-20 UNEF
7/8-20 UNEF
1-20 UNEF
1 1/8-18 NS
1 1/4-18 NEF
1 3/8-18 NEF
1 5/8-18 NEF
2 5/16-16 UN
A Thread
class 2B
in inches
5/8-24 NEF
11/16-24 NEF
11/16-24 NEF
7/8-20 UNEF
3/4-20 UNEF
3/4-20 UNEF
7/8-20 UNEF
1-20 UNEF
1 1/8-18 NS
1 1/4-18 NEF
1 3/8-18 NEF
1 5/8-18 NEF
2 5/16-26 UN
A Thread
class 2B
in inches
L
A
V
Note - Both versions, straight and diamond knurling available on back accessories. For details, contact factory.
40
40
55.00
62.71
MS And 97B Series
1 7/8-16UN
2 1/16-16UN
1 7/8-16UN
2 1/16-16UN
AMPHENOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40