| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F405VG Fiches technique(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F405VG Fiches technique(HTML) 52 Page - STMicroelectronics |
|
52 / 167 page ![]() Pinouts and pin description STM32F405xx, STM32F407xx 52/167 Doc ID 022152 Rev 2 49 76 109 A14 137 PA14 (JTCK-SWCLK) I/O FT JTCK-SWCLK/ EVENTOUT 50 77 110 A13 138 PA15 (JTDI) I/O FT JTDI/ SPI3_NSS/ I2S3_WS/TIM2_CH1_ETR / SPI1_NSS / EVENTOUT 51 78 111 B14 139 PC10 I/O FT SPI3_SCK / I2S3_CK/ UART4_TX/SDIO_D2 / DCMI_D8 / USART3_TX/ EVENTOUT 52 79 112 B13 140 PC11 I/O FT UART4_RX/ SPI3_MISO / SDIO_D3 / DCMI_D4/USART3_RX / I2S3ext_SD/ EVENTOUT 53 80 113 A12 141 PC12 I/O FT UART5_TX/SDIO_CK / DCMI_D9 / SPI3_MOSI /I2S3_SD / USART3_CK/ EVENTOUT - 81 114 B12 142 PD0 I/O FT FSMC_D2/CAN1_RX/ EVENTOUT - 82 115 C12 143 PD1 I/O FT FSMC_D3 / CAN1_TX/ EVENTOUT 54 83 116 D12 144 PD2 I/O FT TIM3_ETR/UART5_RX/ SDIO_CMD / DCMI_D11/ EVENTOUT - 84 117 D11 145 PD3 I/O FT FSMC_CLK/USART2_CTS / EVENTOUT - 85 118 D10 146 PD4 I/O FT FSMC_NOE/USART2_RTS / EVENTOUT - 86 119 C11 147 PD5 I/O FT FSMC_NWE/USART2_TX/ EVENTOUT - - 120D8148 VSS S - - 121C8149 VDD S - 87 122 B11 150 PD6 I/O FT FSMC_NWAIT/ USART2_RX/ EVENTOUT - 88 123 A11 151 PD7 I/O FT USART2_CK/FSMC_NE1/ FSMC_NCE2/ EVENTOUT - - 124 C10 152 PG9 I/O FT USART6_RX / FSMC_NE2/FSMC_NCE3/ EVENTOUT Table 6. STM32F40x pin and ball definitions (continued) Pin number Pin name (function after reset)(1) Alternate functions Additional functions |