Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCC4070BD Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce HCC4070BD
Description  Rad-hard high voltage CMOS logic series
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4070BD Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button HCC4070BD Datasheet HTML 16Page - STMicroelectronics HCC4070BD Datasheet HTML 17Page - STMicroelectronics HCC4070BD Datasheet HTML 18Page - STMicroelectronics HCC4070BD Datasheet HTML 19Page - STMicroelectronics HCC4070BD Datasheet HTML 20Page - STMicroelectronics HCC4070BD Datasheet HTML 21Page - STMicroelectronics HCC4070BD Datasheet HTML 22Page - STMicroelectronics HCC4070BD Datasheet HTML 23Page - STMicroelectronics HCC4070BD Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Note:
Contact ST sales office for information about the specific conditions for other CMOS4000 part numbers and product in die form
HCC4538BD
9207/007/08 or 09
ESCC flight
Specify ESCC variant number in PO
DIL-16
Gold or solder dip
920700708 or 09
2.20
-
Strip pack
HCC4555BK
9408/011/01 or 02
Flat-16
940801101 or 02
0.70
Y
HCC4555BD
9408/011/08 or 09
DIL-16
940801108 or 09
2.20
-
HCC4556BK
9408/025/01 or 02
Flat-16
940802501 or 02
0.70
-
HCC4556BD
9408/025/08 or 09
DIL-16
940802508 or 09
2.20
-
Table 10.
Ordering information (continued)
Order code
ESCC detailed
specification
Quality level
Comment
Package
Lead finish
Marking
Mass
(g)
EPPL
Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24