Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCC4070BD Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce HCC4070BD
Description  Rad-hard high voltage CMOS logic series
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4070BD Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button HCC4070BD Datasheet HTML 16Page - STMicroelectronics HCC4070BD Datasheet HTML 17Page - STMicroelectronics HCC4070BD Datasheet HTML 18Page - STMicroelectronics HCC4070BD Datasheet HTML 19Page - STMicroelectronics HCC4070BD Datasheet HTML 20Page - STMicroelectronics HCC4070BD Datasheet HTML 21Page - STMicroelectronics HCC4070BD Datasheet HTML 22Page - STMicroelectronics HCC4070BD Datasheet HTML 23Page - STMicroelectronics HCC4070BD Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
HCC4077BD
9201/055/03 or 04
ESCC flight
Specify ESCC variant number in PO
DIL-14
Gold or solder dip
920105503 or 04
2.20
-
Strip pack
HCC4078BK
9201/062/01 or 02
Flat-14
920106201 or 02
0.70
-
HCC4078BD
9201/062/03 or 04
DIL-14
920106203 or 04
2.20
-
HCC4081BK
9201/052/01 or 02
Flat-14
920105201 or 02
0.70
Y
HCC4081BD
9201/052/03 or 04
DIL-14
920105203 or 04
2.20
-
HCC4082BK
9201/066/01 or 02
Flat-14
920106601 or 02
0.70
-
HCC4082BD
9201/066/03 or 04
DIL-14
920106603 or 04
2.20
-
HCC4093BK
9409/002/01 or 02
Flat-14
940900201 or 02
0.70
Y
HCC4093BD
9409/002/03 or 04
DIL-14
940900203 or 04
2.20
-
HCC4094BK
9306/026/01 or 02
Flat-16
930602601 or 02
0.70
Y
HCC4094BD
9306/026/08 or 09
DIL-16
930602608 or 09
2.20
-
HCC4098BK
9206/003/01 or 02
Flat-16
920600301 or 02
0.70
Y
HCC4098BD
9206/003/08 or 09
DIL-16
920600308 or 09
2.20
-
HCC4099BK
9202/058/01 or 02
Flat-16
920205801 or 02
0.70
Y
HCC4099BD
9202/058/08 or 09
DIL-16
920205808 or 09
2.20
-
HCC40103BK
9204/036/01 or 02
Flat-16
920403601 or 02
0.70
Y
HCC40103BD 9204/036/08 or 09
DIL-16
920403608 or 09
2.20
-
HCC40106BK
9409/005/01 or 02
Flat-14
940900501 or 02
0.70
Y
HCC40106BD 9409/005/03 or 04
DIL-14
940900503 or 04
2.20
-
HCC40107BK
9401/013/01 or 02
Flat-14
940101301 or 02
0.70
Y
HCC40107BD 9401/013/03 or 04
DIL-14
940101303 or 04
2.20
-
HCC40109BK
9407/003/01 or 02
Flat-16
940700301 or 02
0.70
Y
HCC40109BD 9407/003/08 or 09
DIL-16
940700308 or 09
2.20
-
Table 10.
Ordering information (continued)
Order code
ESCC detailed
specification
Quality level
Comment
Package
Lead finish
Marking
Mass
(g)
EPPL
Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24