Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADP5586ACBZ-01-R7 Fiches technique(PDF) 40 Page - Analog Devices

No de pièce ADP5586ACBZ-01-R7
Description  Keypad Decoder and I/O Port Expander
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADP5586ACBZ-01-R7 Fiches technique(HTML) 40 Page - Analog Devices

Back Button ADP5586ACBZ-01-R7 Datasheet HTML 36Page - Analog Devices ADP5586ACBZ-01-R7 Datasheet HTML 37Page - Analog Devices ADP5586ACBZ-01-R7 Datasheet HTML 38Page - Analog Devices ADP5586ACBZ-01-R7 Datasheet HTML 39Page - Analog Devices ADP5586ACBZ-01-R7 Datasheet HTML 40Page - Analog Devices ADP5586ACBZ-01-R7 Datasheet HTML 41Page - Analog Devices ADP5586ACBZ-01-R7 Datasheet HTML 42Page - Analog Devices ADP5586ACBZ-01-R7 Datasheet HTML 43Page - Analog Devices ADP5586ACBZ-01-R7 Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
ADP5586
Data Sheet
Rev. 0 | Page 40 of 44
INT_EN, Register 0x3E
Table 71. INT_EN Bit Descriptions
Bits
Bit Name
Access
Description
[7:5]
Reserved
Reserved
Reserved.
4
LOGIC_IEN
Read/write
0 = Logic 1 interrupt is disabled.
1 = asserts the INT pin if the LOGIC_INT bit is set (Register 0x01, Bit 4).
3
Reserved
Reserved
Reserved.
2
OVRFLOW_IEN
Read/write
0 = overflow interrupt is disabled.
1 = asserts the INT pin if the OVRFLOW_INT bit is set (Register 0x01, Bit 2).
1
GPI_IEN
Read/write
0 = GPI interrupt is disabled.
1 = asserts the INT pin if the GPI_INT is set (Register 0x01, Bit 1).
0
EVENT_IEN
Read/write
0 = event interrupt is disabled.
1 = asserts the INT pin if the EVENT_INT is set (Register 0x01, Bit 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44