| Moteur de recherche de fiches techniques de composants électroniques |
|
ADP5586ACBZ-01-R7 Fiches technique(PDF) 32 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP5586ACBZ-01-R7 Fiches technique(HTML) 32 Page - Analog Devices |
|
32 / 44 page ![]() ADP5586 Data Sheet Rev. 0 | Page 32 of 44 GPIO_OUT_EN_A, Register 0x27 Table 48. GPIO_OUT_EN_A Bit Descriptions Bits Bit Name Access Description [7:6] Reserved Reserved Reserved. 5 GPIO_6_OUT_EN Read/write 0 = GPIO 6 output disabled. 1 = GPIO 6 output enabled. 4 GPIO_5_OUT_EN Read/write 0 = GPIO 5 output disabled. 1 = GPIO 5 output enabled. 3 GPIO_4_OUT_EN Read/write 0 = GPIO 4 output disabled. 1 = GPIO 4 output enabled. 2 GPIO_3_OUT_EN Read/write 0 = GPIO 3 output disabled. 1 = GPIO 3 output enabled. 1 GPIO_2_OUT_EN Read/write 0 = GPIO 2 output disabled. 1 = GPIO 2 output enabled. 0 GPIO_1_OUT_EN Read/write 0 = GPIO 1 output disabled. 1 = GPIO 1 output enabled. GPIO_OUT_EN_B, Register 0x28 Table 49. GPIO_OUT_EN_B Bit Descriptions Bits Bit Name Access Description [7:5] Reserved Reserved Reserved. 4 GPIO_11_OUT_EN Read/write 0 = GPIO 11 output disabled. 1 = GPIO 11 output enabled. 3 GPIO_10_OUT_EN Read/write 0 = GPIO 10 output disabled. 1 = GPIO 10 output enabled. 2 GPIO_9_OUT_EN Read/write 0 = GPIO 9 output disabled. 1 = GPIO 9 output enabled. 1 GPIO_8_OUT_EN Read/write 0 = GPIO 8 output disabled. 1 = GPIO 8 output enabled. 0 GPIO_7_OUT_EN Read/write 0 = GPIO 7 output disabled. 1 = GPIO 7 output enabled. GPIO_INP_EN_A, Register 0x29 Table 50. GPIO_INP_EN_A Bit Descriptions Bits Bit Name Access Description [7:6] Reserved Reserved Reserved. 5 GPIO_6_INP_EN Read/write 0 = GPIO 6 input disabled. 1 = GPIO 6 input enabled. 4 GPIO_5_INP_EN Read/write 0 = GPIO 5 input disabled. 1 = GPIO 5 input enabled. 3 GPIO_4_INP_EN Read/write 0 = GPIO 4 input disabled. 1 = GPIO 4 input enabled. 2 GPIO_3_INP_EN Read/write 0 = GPIO 3 input disabled. 1 = GPIO 3 input enabled. 1 GPIO_2_INP_EN Read/write 0 = GPIO 2 input disabled. 1 = GPIO 2 input enabled. 0 GPIO_1_INP_EN Read/write 0 = GPIO 1 input disabled. 1 = GPIO 1 input enabled. |