Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

100352PC Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce 100352PC
Description  Low Power 8-Bit Buffer with Cut-Off Drivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

100352PC Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  100352PC Datasheet HTML 1Page - Fairchild Semiconductor 100352PC Datasheet HTML 2Page - Fairchild Semiconductor 100352PC Datasheet HTML 3Page - Fairchild Semiconductor 100352PC Datasheet HTML 4Page - Fairchild Semiconductor 100352PC Datasheet HTML 5Page - Fairchild Semiconductor 100352PC Datasheet HTML 6Page - Fairchild Semiconductor 100352PC Datasheet HTML 7Page - Fairchild Semiconductor 100352PC Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2000 Fairchild Semiconductor Corporation
DS010248
www.fairchildsemi.com
October 1989
Revised August 2000
100352
Low Power 8-Bit Buffer with Cut-Off Drivers
General Description
The 100352 contains an 8-bit buffer, individual inputs (Dn),
outputs (Qn), and a data output enable pin (OEN). A Q out-
put follows its D input when the OEN pin is LOW. A HIGH
on OEN holds the outputs in a cut-off state. The cut-off
state is designed to be more negative than a normal ECL
LOW level. This allows the output emitter-followers to turn
off when the termination supply is
−2.0V, presenting a high
impedance to the data bus. This high impedance reduces
termination power and prevents loss of low state noise
margin when several loads share the bus.
The 100352 outputs are designed to drive a doubly termi-
nated 50
Ω transmission line (25Ω load impedance). All
inputs have 50 k
Ω pull-down resistors.
Features
s Cut-off drivers
s Drives 25
Ω load
s Low power operation
s 2000V ESD protection
s Voltage compensated operating range
= −4.2V to −5.7V
s Available to industrial grade temperature range
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbol
Pin Descriptions
Connection Diagrams
24-Pin DIP
28-Pin PLCC
Order Number
Package Number
Package Description
100352PC
N24E
24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-010, 0.400 Wide
100352QC
V28A
28-Lead Plastic Lead Chip Carrier (PLCC), JEDEC MO-047, 0.450 Square
100352QI
V28A
28-Lead Plastic Lead Chip Carrier (PLCC), JEDEC MO-047, 0.450 Square
Industrial Temperature Range (
−40°C to +85°C)
Pin Names
Description
D0–D7
Data Inputs
OEN
Output Enable Input
Q0–Q7
Data Outputs
NC
No Connect


Numéro de pièce similaire - 100352PC

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
100352 NSC-100352 Datasheet
143Kb / 8P
Low Power 8-Bit Buffer with Cut-Off Drivers
logo
Weidmuller
1003520000 WEIDMULLER-1003520000 Datasheet
434Kb / 5P
SL-SMT 3.50/03/135F 3.2SN BK BX
logo
FCI connector
10035202-001LF FCI-CONNECTOR-10035202-001LF Datasheet
228Kb / 4P
SAS RECEPTACLE R/A SMT ASSY
10035202-001TRLF FCI-CONNECTOR-10035202-001TRLF Datasheet
228Kb / 4P
SAS RECEPTACLE R/A SMT ASSY
10035202-002C-TRLF FCI-CONNECTOR-10035202-002C-TRLF Datasheet
228Kb / 4P
SAS RECEPTACLE R/A SMT ASSY
More results

Description similaire - 100352PC

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
100344 NSC-100344 Datasheet
170Kb / 8P
Low Power 8-Bit Latch with Cut-Off Drivers
100352 NSC-100352 Datasheet
143Kb / 8P
Low Power 8-Bit Buffer with Cut-Off Drivers
logo
Fairchild Semiconductor
100316 FAIRCHILD-100316 Datasheet
56Kb / 6P
Low Power Quad Differential Line Driver with Cut-Off
100319 FAIRCHILD-100319 Datasheet
53Kb / 6P
Low Power Hex Line Driver with Cut-Off
100344 FAIRCHILD-100344 Datasheet
71Kb / 7P
Low Power 8-Bit Latch with Cut-Off Drivers
100354 FAIRCHILD-100354 Datasheet
91Kb / 9P
Low Power 8-Bit Register with Cut-Off Drivers
logo
Molex Electronics Ltd.
0011184403 MOLEX11-0011184403 Datasheet
20Kb / 1P
Cut-off Punch
0011404420 MOLEX11-0011404420 Datasheet
20Kb / 1P
Cut Off Punch
11-18-4109 MOLEX11-11-18-4109 Datasheet
32Kb / 1P
Cut-off Punch
11-18-4447 MOLEX11-11-18-4447 Datasheet
30Kb / 1P
Cut-off Punch
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com