Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

100352PC Fiches technique(PDF) 6 Page - Fairchild Semiconductor

No de pièce 100352PC
Description  Low Power 8-Bit Buffer with Cut-Off Drivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

100352PC Fiches technique(HTML) 6 Page - Fairchild Semiconductor

  100352PC Datasheet HTML 1Page - Fairchild Semiconductor 100352PC Datasheet HTML 2Page - Fairchild Semiconductor 100352PC Datasheet HTML 3Page - Fairchild Semiconductor 100352PC Datasheet HTML 4Page - Fairchild Semiconductor 100352PC Datasheet HTML 5Page - Fairchild Semiconductor 100352PC Datasheet HTML 6Page - Fairchild Semiconductor 100352PC Datasheet HTML 7Page - Fairchild Semiconductor 100352PC Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.fairchildsemi.com
6
Test Circuitry
Notes:
VCC, VCCA = +2V, VEE = −2.5V
L1 and L2
= equal length 50Ω impedance lines
RT = 50Ω terminator internal to scope
Decoupling 0.1
µF from GND to V
CC and VEE
All unused outputs are loaded with 25
Ω to GND
CL = Fixture and stray capacitance ≤ 3 pF
FIGURE 1. AC Test Circuit
Switching Waveforms
Note:
The output AC measurement point for cut-off propagation delay
testing
= the 50% voltage point between active V
OL and VOH.
FIGURE 2. Propagation Delay, Cut-Off and Transition Times



Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com