Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

100343QI Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce 100343QI
Description  Low Power 8-Bit Latch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

100343QI Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  100343QI Datasheet HTML 1Page - Fairchild Semiconductor 100343QI Datasheet HTML 2Page - Fairchild Semiconductor 100343QI Datasheet HTML 3Page - Fairchild Semiconductor 100343QI Datasheet HTML 4Page - Fairchild Semiconductor 100343QI Datasheet HTML 5Page - Fairchild Semiconductor 100343QI Datasheet HTML 6Page - Fairchild Semiconductor 100343QI Datasheet HTML 7Page - Fairchild Semiconductor 100343QI Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
www.fairchildsemi.com
Industrial Version
PLCC DC Electrical Characteristics (Note 8)
VEE = −4.2V to −5.7V, VCC = VCCA = GND, TC = −40°C to +85°C
Note 8: The specified limits represent the “worst case” value for the parameter. Since these values normally occur at the temperature extremes, additional
noise immunity and guardbanding can be achieved by decreasing the allowable system operating ranges. Conditions for testing shown in the tables are cho-
sen to guarantee operation under “worst case” conditions.
PLCC AC Electrical Characteristics
VEE = −4.2V to −5.7V, VCC = VCCA = GND
Note 9: The propagation delay specified is for single output switching. Delays may vary up to 300 ps with multiple outputs switching.
Symbol
Parameter
TC = −40°CTC = 0°C to +85°C
Units
Conditions
Min
Max
Min
Max
VOH
Output HIGH Voltage
−1085
−870
−1025
−870
mV
VIN = VIH (Max)
Loading with
VOL
Output LOW Voltage
−1830
−1575
−1830
−1620
mV
or VIL (Min)
50
Ω to −2.0V
VOHC
Output HIGH Voltage
−1095
−1035
mV
VIN = VIH (Min)
Loading with
VOLC
Output LOW Voltage
−1565
−1610
mV
or VIL (Max)
50
Ω to −2.0V
VIH
Input HIGH Voltage
−1170
−870
−1165
−870
mV
Guaranteed HIGH Signal
for All Inputs
VIL
Input LOW Voltage
−1830
−1480
−1830
−1475
mV
Guaranteed LOW Signal
for All Inputs
IIL
Input LOW Current
0.50
0.50
µAV
IN = VIL (Min)
IIH
Input HIGH Current
240
240
µAV
IN = VIH (Max)
IEE
Power Supply Current
Inputs Open
−95
−50
−95
−55
mA
VEE = −4.2V to −4.8V
−97
−50
−97
−55
VEE = −4.2V to −5.7V
Symbol
Parameter
TC = −40°CTC = +25°CTC = +85°C
Units
Conditions
MinMax
MinMax
MinMax
tPLH
Propagation Delay
0.80
1.80
0.80
1.80
0.80
2.00
ns
Figures 1, 2, 3
tPHL
Dn to Output
(Note 9)
tPLH
Propagation Delay
1.40
2.70
1.40
2.70
1.60
2.90
ns
Figures 1, 2, 3
tPHL
LE, E to Output
(Note 9)
tTLH
Transition Time
0.40
2.50
0.45
1.90
0.45
1.90
ns
Figures 1, 3
tTHL
20% to 80%, 80% to 20%
ts
Setup Time
D0–D7
0.60
0.90
1.00
ns
Figures 1, 4
tH
Hold Time
D0–D7
0.8
0.0
0.0
ns
Figures 1, 4
tpw(H)
Pulse Width HIGH
LE, E
2.40
2.00
2.00
ns
Figures 1, 4



Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com