Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CT2500 Fiches technique(PDF) 9 Page - Aeroflex Circuit Technology

No de pièce CT2500
Description  CT2500 MIL-STD-1397 Type D & E Low Level Serial Interface Protocol Chip
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AEROFLEX [Aeroflex Circuit Technology]
Site Internet  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2500 Fiches technique(HTML) 9 Page - Aeroflex Circuit Technology

Back Button CT2500 Datasheet HTML 2Page - Aeroflex Circuit Technology CT2500 Datasheet HTML 3Page - Aeroflex Circuit Technology CT2500 Datasheet HTML 4Page - Aeroflex Circuit Technology CT2500 Datasheet HTML 5Page - Aeroflex Circuit Technology CT2500 Datasheet HTML 6Page - Aeroflex Circuit Technology CT2500 Datasheet HTML 7Page - Aeroflex Circuit Technology CT2500 Datasheet HTML 8Page - Aeroflex Circuit Technology CT2500 Datasheet HTML 9Page - Aeroflex Circuit Technology CT2500 Datasheet HTML 10Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Aeroflex Circuit Technology
SCDCT2500 REV A 6/12/98 Plainview NY (516) 694-6700
9
PIN OUTS – 84 PIN PGA (CT2500)
Pin
Signal
Pin
Signal
B2
BURST
K10
GND
C2
CLK
J10
POE
B1
CMDOUT
K11
D15
C1
DTAOUT
J11
D14
D2
BIT4OUT
H10
D13
D1
RSTERR
H11
D12
E3
FIFOEN
F10
D11
E2
LDCNTRL
G10
D10
E1
POR
G11
D9
F2
GND
G9
GND
F3
GND
F9
GND
G3
SYNCIN
F11
D8
G1
RXCLOCK
E11
D7
G2
RXDATA
E10
D6
F1
SO/SI
E9
D5
H1
STR1
D11
D4
H2
STR2
D10
D3
J1
TEST
C11
D2
K1
WIOUT
B11
D1
J2
D31
C10
PRTYIN
L1
CFRMSYNC
A11
VDD
K2
VDD
B10
VDD
K3
PAREN
B9
D/E
L2
D30
A10
D0
L3
D29
A9
CMDIN
K4
D28
B8
DTAIN
L4
D27
A8
ENV
J5
D26
B6
ERR1
K5
D25
B7
ERR2
L5
D24
A7
FIFORD
K6
BIT4IN
C7
VDD
J6
VDD
C6
VDD
J7
VDD
A6
TXSELECT
L7
D23
A5
OVRFLOW
K7
D22
B5
RCVCNTRL
L6
D21
C5
RCVDTA
L8
D20
A4
RDYFORDTA
K8
D19
B4
TXCMXD
L9
D18
A3
TXDMXD
L10
D17
A2
WIIN
K9
D16
B3
G20MHZ
L11
GND
A1
GND



Html Pages

1 2 3 4 5 6 7 8 9 10