Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CT2500 Fiches technique(PDF) 6 Page - Aeroflex Circuit Technology

No de pièce CT2500
Description  CT2500 MIL-STD-1397 Type D & E Low Level Serial Interface Protocol Chip
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AEROFLEX [Aeroflex Circuit Technology]
Site Internet  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2500 Fiches technique(HTML) 6 Page - Aeroflex Circuit Technology

Back Button CT2500 Datasheet HTML 2Page - Aeroflex Circuit Technology CT2500 Datasheet HTML 3Page - Aeroflex Circuit Technology CT2500 Datasheet HTML 4Page - Aeroflex Circuit Technology CT2500 Datasheet HTML 5Page - Aeroflex Circuit Technology CT2500 Datasheet HTML 6Page - Aeroflex Circuit Technology CT2500 Datasheet HTML 7Page - Aeroflex Circuit Technology CT2500 Datasheet HTML 8Page - Aeroflex Circuit Technology CT2500 Datasheet HTML 9Page - Aeroflex Circuit Technology CT2500 Datasheet HTML 10Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Aeroflex Circuit Technology
SCDCT2500 REV A 6/12/98 Plainview NY (516) 694-6700
6
STR1,STR2
LDCNTRL
D0-D31, WIOUT
CMDOUT, DTAOUT
RDYFORDTA
TXCMXD
ENV
G20MHZ
SYNC
RXDATA
RCVDTA, RCVCNTRL
ERR1, ERR2, OVRFLOW
RCVCNTRL,
RSTERR, POR
D0-D31
STR1, STR2
RXCLOCK
RCVDTA, FIFORD
100ns min
tF
tR
tH
tS
270ns
typ
15ns
max
tS = 20ns min
tH = 5ns min
tF = 10ns min
tR = 10ns min
100ns
350ns max
50ns
N - 2
N - 1
N
100ns
N = 4 E Type Control Frame
N = 34 Data without Parity
N = 3 D Type Control Frame
N = 35 Data with Parity
300ns typ
370ns max
VALID
TXDMXD
VALID
VALID
15ns
100ns
15ns max
15ns max
tF
tR
100ns
100ns min
tF
tR
tF = 5ns typ
tR = 5ns typ
tF = 10ns max
tR = 10ns max
Figure 2 – Transmit Timing Diagram
Figure 3 – Receive Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10