| Moteur de recherche de fiches techniques de composants électroniques |
|
OP291GS Fiches technique(PDF) 11 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
OP291GS Fiches technique(HTML) 11 Page - Analog Devices |
|
11 / 20 page ![]() OP191/OP291/OP491 REV. 0 –11– 160 100 60 1k 10k 100k 1M 10M 80 100 120 140 –20 0 20 40 CMRR VS = ±5V TA = +25°C FREQUENCY – Hz –40 Figure 47. CMRR vs. Frequency, VS = ±5V VS = ±5V TEMPERATURE – °C 115 90 125 105 95 25 100 –40 110 85 OP491 OP291 Figure 50. OP291/OP491 PSRR vs. Temperature, VS = ±5V TEMPERATURE – °C VS = ±5V 102 92 125 95 93 25 94 –40 98 96 97 99 100 101 85 Figure 48. CMRR vs. Temperature, VS = ±5V VS = ±5V TEMPERATURE – °C 0.7 0 125 0.3 0.1 25 0.2 –40 0.6 0.4 0.5 85 +SR –SR Figure 51. Slew Rate vs. Temperature, VS = ±5V 160 100 60 –40 1k 10k 100k 1M 10M 80 100 120 140 –20 0 20 40 +PSRR –PSRR ±PSRR VS = ±5V TA = +25°C FREQUENCY – Hz Figure 49. PSRR vs. Frequency, VS = ±5V 1k 500 0 100 1k 10M 1M 100k 10k 600 700 800 900 100 200 300 400 VS = +3V TA = +25°C AVCL = 100 AVCL = 10 AVCL = +1 FREQUENCY – Hz Figure 52. Output Impedance vs. Frequency 10 100 0% 90 100mV 1.00V 2.00µs 2.00V VS = ±5V RL = 200kΩ AV = +1V/V INPUT OUTPUT Figure 54. Large Signal Transient Response, VS = ±5 V 10 100 0% 90 100mV 500mV 1.00V VS = +3V RL = 200kΩ 2.00µs INPUT OUTPUT Figure 53. Large Signal Transient Response, VS = +3 V |