| Moteur de recherche de fiches techniques de composants électroniques |
|
ADV7150LS220 Fiches technique(PDF) 17 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADV7150LS220 Fiches technique(HTML) 17 Page - Analog Devices |
|
17 / 36 page ![]() ADV7150 –17– REV. A R4 R3 R2 R1 R0 G4 G2 G3 x G1 G0 G4 B4 B3 B2 B1 x x x x x x x x PIXEL INPUT DATA LOCATION "0" LOCATION "31" 256 x 10 RAM (RED LUT) 10 TO RED DAC 0 0 0 R4 R3 R2 R1 R0 LOCATION "0" LOCATION "31" 256 x 10 RAM (GREEN LUT) 10 TO GREEN DAC 0 0 0 G4 G3 G2 G1 G0 LOCATION "0" LOCATION "31" 256 x 10 RAM (BLUE LUT) 10 TO BLUE DAC 0 0 0 B4 B3 B2 B1 B0 5 5 5 PIN ASSIGN- MENTS DATA LATCHED TO PIXEL PORT DATA LATCHES FIRST 32 LOCATIONS OF RAM DATA INTERNALLY SHIFTED TO 5 LSBS B5 B4 B3 B2 B1 B0 x x x x x x x x B6 B7 G6 G5 G4 G3 G2 G1 G0 R6 R5 R4 R3 R2 R1 R0 R4 R3 R2 R1 R0 G4 G3 G2 x G1 G0 B4 B3 B2 B1 B0 G7 R7 Figure 26. 15-Bit True-Color Mapping Using R0–R7 and G0–G6 The part has two modes of operation for 15-bit True Color. In the first mode, data is input to the device over the red, green and blue channel (R3–R7, G3–G7 and B3–B7) and is internally mapped to locations 0 to 31 of the Look-Up Table (LUT) ac- cording to Figure 25. In the second mode, data is input to the device over just two of the color ports, red and green (R0–R7 and G0–G6) and is internally mapped to LUT locations 0 to 31 according to Figure 26. (Note: Data on unused pixel inputs is ignored.) MICROPROCESSOR (MPU) PORT The ADV7150 supports a standard MPU Interface. All the functions of the part are controlled via this MPU port. Direct access is gained to the Address Register, Mode Register and all the Control Registers as well as the Color Palette. The following sections describe the setup for reading and writing to all of the devices registers. MPU Interface The MPU interface (Figure 27) consists of a bidirectional, 10-bit wide databus and interface control signals CE, C0, C1 and R/W. The 10-bit wide databus is user configurable as illustrated. Table II. Databus Width Table Databus RAM/DAC Read/Write Width Resolution Mode 10-Bit 10-Bit 10-Bit Parallel 10-Bit 8-Bit 8-Bit Parallel 8-Bit 10-Bit 8+2 Byte 8-Bit 8-Bit 8-Bit Parallel Register Mapping The ADV7150 contains a number of onboard registers includ- ing the Mode Register (MR17–MR10), Address Register (A7– A0) and nine Control Registers as well as Red (R9–R0), Green (G9–G0) and Blue (B9–B0) Color Registers. These registers control the entire operation of the part. Figure 28 shows the internal register configuration. Control lines C1 and C0 determine which register the MPU is accessing. C1 and C0 also determine whether the Address Reg- ister is pointing to the color registers and look-up table RAM or the control registers. If C1, C0 = 1, 0 the MPU has access to whatever control register is pointed to by the Address Register (A7–A0). If C1, C0 = 0, 1 the MPU has access to the Look-Up Table RAM (Color Palette) through the associated color regis- ters. The CE input latches data to or from the part. The R/W control input determines between read or write ac- cesses. The Truth Tables III and IV show all modes of access to the various registers and color palette for both the 8-bit wide databus configuration and 10-bit wide databus configuration. It should be noted that after power-up, the devices MPU port is automatically set to 10-bit wide operation (see Power-On Reset section). Color Palette Accesses Data is written to the color palette by first writing to the address register of the color palette location to be modified. The MPU performs three successive write cycles for each of the red, green and blue registers (10-bit or 8-bit). An internal pointer moves from red to green to blue after each write is completed. This pointer is reset to red after a blue write or whenever the address register is written. During the blue write cycle, the three bytes of red, green and blue are concatenated into a single 30-bit/24-bit word and written to the RAM location as specified in the ad- dress register (A7–A0). The address register then automatically increments to point to the next RAM location and a similar red, green and blue palette write sequence is performed. The address register resets to 00H following a blue write cycle to color pal- ette RAM location FFH. |