Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7150LS220 Fiches technique(PDF) 4 Page - Analog Devices

No de pièce ADV7150LS220
Description  CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7150LS220 Fiches technique(HTML) 4 Page - Analog Devices

  ADV7150LS220 Datasheet HTML 1Page - Analog Devices ADV7150LS220 Datasheet HTML 2Page - Analog Devices ADV7150LS220 Datasheet HTML 3Page - Analog Devices ADV7150LS220 Datasheet HTML 4Page - Analog Devices ADV7150LS220 Datasheet HTML 5Page - Analog Devices ADV7150LS220 Datasheet HTML 6Page - Analog Devices ADV7150LS220 Datasheet HTML 7Page - Analog Devices ADV7150LS220 Datasheet HTML 8Page - Analog Devices ADV7150LS220 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
ADV7150
–4–
REV. A
NOTES
1TTL input values are 0 to 3 volts, with input rise/fall times
≤ 3 ns, measured between the 10% and 90% points. ECL inputs (CLOCK, CLOCK) are
VAA–0.8 V to VAA–1.8 V, with input rise/fall times ≤ 2 ns, measured between the 10% and 90% points. Timing reference points at 50% for inputs and out-
puts. Analog output load
≤ 10 pF. Databus (D0–D9) loaded as shown in Figure 1. Digital output load for LOADOUT, PRGCKOUT, SCKOUT, I
PLL and
SYNCOUT
≤ 30 pF.
2
± 5% for all versions.
3Temperature range (T
MIN to TMAX): 0°C to +70°C; TJ (Silicon Junction Temperature) ≤ 100°C.
4Pixel Port consists of the following inputs: Pixel Inputs: RED [A, B, C, D]; GREEN [A, B, C, D]; BLUE [A, B, C, D], Palette Selects: PS0 [A, B, C, D]; PS1
[A, B, C, D]; Pixel Controls: SYNC, BLANK; Clock Inputs: CLOCK, CLOCK, LOADIN, SCKIN; Clock Outputs: LOADOUT, PRGCKOUT, SCKOUT.
5
τ is the LOADOUT Cycle Time and is a function of the Pixel CLOCK Rate and the Multiplexing Mode: 1:1 multiplexing; τ = CLOCK = t
1 ns. 2:1 Multi-
plexing;
τ = CLOCK × 2 = 2 × t
1 ns. 4:1 Multiplexing; τ = CLOCK × 4 = 4 × t1 ns.
6These fixed values for Pipeline Delay are valid under conditions where t
10 and τ-t11 are met. If either t10 or τ-t11 are not met, the part will operate but the Pipe line De-
lay is increased by 2 additional CLOCK cycles for 2:1 Mode and is increased by 4 additional CLOCK cycles for 4:1 Mode, after calibration is performed.
7Output delay measured from the 50% point of the rising edge of CLOCK to the 50% point of full-scale transition. Output rise/fall time measured between the 10%
and 90% points of full-scale transition. Transition time measured from the 50% point of full-scale transition to the output remaining within 2% of the final output
value (Transition time does not include clock and data feedthrough).
8t
23 and t24 are measured with the load circuit of Figure 1 and defined as the time required for an output to cross 0.4 V or 2.4 V.
9t
25 is derived from the measured time taken by the data outputs to change by 0.5 V when loaded with the circuit of Figure 1. The measured number is then extrapo-
lated back to remove the effects of charging the 100 pF capacitor. This means that the time, t 25, quoted in the Timing Characteristics is the true value for the device
and as such is independent of external databus loading capacitances.
Specifications subject to change without notice.
I
SINK
+2.1V
TO
OUTPUT
PIN
I
SOURCE
100pF
Figure 1. Load Circuit for Databus Access and Relinquish Times
t
3
t
2
CLOCK
LOADOUT
(1:1 MULTIPLEXING)
LOADOUT
(2:1 MULTIPLEXING)
LOADOUT
(4:1 MULTIPLEXING)
CLOCK
t
4
t
1
Figure 2. LOADOUT vs. Pixel Clock Input (CLOCK, CLOCK)
PIXEL INPUT
DATA*
LOADIN
t
8
t
9
VALID
DATA
VALID
DATA
VALID
DATA
t
5
t
6
*INCLUDES PIXEL DATA (R0–R7, G0–G7, B0–B7); PALETTE SELECT INPUTS (PS0–PS1); BLANK; SYNC
t
7
Figure 3. LOADIN vs. Pixel Input Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36