Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3KP Fiches technique(PDF) 4 Page - Rectron Semiconductor

No de pièce 3KP
Description  GPP TRANSIENT VOLTAGE SUPPRESSOR 3000 WATT PEAK POWER 8.0 WATTS STEADY STATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RECTRON [Rectron Semiconductor]
Site Internet  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

3KP Fiches technique(HTML) 4 Page - Rectron Semiconductor

  3KP Datasheet HTML 1Page - Rectron Semiconductor 3KP Datasheet HTML 2Page - Rectron Semiconductor 3KP Datasheet HTML 3Page - Rectron Semiconductor 3KP Datasheet HTML 4Page - Rectron Semiconductor 3KP Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TRANSIENT VOLTAGE SUPPRESSORS
3000W SERIES TVS DIODES/R-6 ( CASE 12 ) 3000W
TYPE
Breakdown Voltage
VBR
(Volts)
MIN. MAX.
@IT
(mA)
Reverse
Stand off
Voltage
VWM
(Volts)
Maximum
Reverse
Leakage
at VWM
ID(uA)
Maximum
Peak Pulse
Current
IPPM
(Amps)
Maximum
Clamping
Voltage
at IPPM
VC (Volts)
3KP33
3KP33A
3KP36
3KP36A
3KP40
3KP40A
3KP43
3KP43A
3KP45
3KP45A
3KP48
3KP48A
3KP51
3KP51A
3KP54
3KP54A
3KP58
3KP58A
3KP60
3KP60A
3KP64
3KP64A
3KP70
3KP70A
3KP75
3KP75A
3KP78
3KP78A
3KP85
3KP85A
3KP90
3KP90A
3KP100
3KP100A
3KP110
3KP110A
36.7
44.9
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
33.0
10
50.8
59.0
53.3
56.3
10
33.0
40.6
36.7
40.0
48.9
36.0
10
46.6
64.3
40.0
44.2
36.0
10
51.6
58.1
44.4
54.3
40.0
10
42.0
71.4
44.4
49.1
40.0
10
46.5
64.5
47.8
58.4
43.0
10
39.1
76.7
47.8
52.8
43.0
10
43.2
69.4
50.0
61.1
45.0
10
37.3
80.3
50.0
55.3
45.0
10
41.3
72.7
53.3
65.2
48.0
10
35.1
85.5
53.3
58.9
48.0
10
10
10
10
10
10
10
5.0
5.0
10
10
5.0
5.0
10
10
5.0
5.0
10
10
5.0
5.0
10
10
5.0
5.0
10
10
5.0
5.0
10
10
5.0
5.0
10
10
5.0
5.0
10
10
5.0
5.0
10
10
38.7
77.4
56.7
69.3
51.0
32.9
91.1
56.7
62.7
51.0
36.4
82.4
60.0
73.3
54.0
31.2
96.3
60.0
66.3
54.0
34.4
87.1
64.4
78.7
58.0
29.1
103
64.4
71.2
58.0
31.9
94
66.7
81.5
60.0
28.0
107
66.7
73.7
60.0
30.9
97
71.1
96.9
64.0
26.3
114
71.1
78.6
64.0
29.1
103
77.8
95.1
70.0
24.0
125
77.8
86.0
70.0
26.5
113
83.3
102
75.0
22.4
134
83.3
92.1
75.0
24.8
121
86.7
106
78.0
21.6
139
86.7
95.8
78.0
23.8
126
94.4
115
85.0
19.8
151
94.4
104
85.0
21.9
137
100
122
90.0
18.7
160
100
111
90.0
20.5
146
111
136
100
16.7
179
111
123
100
18.5
162
122
149
110
15.3
196
122
135
110
16.9
177
Notes :
1. VBR measured after IT applied for 300us. IT = square pulse or equivalent.
2. All devices UL listed under file# E211196.
3. For bidirectional use C or CA suffixs for all type (ex. 3KP5.0C,3KP110CA)
4. For bidirectional types having VWM of 10 volts and less, the ID limit is doubled.
electrical characteristics apply in both directions.



Html Pages

1 2 3 4 5