| Moteur de recherche de fiches techniques de composants électroniques |
|
ADSP2185 Fiches technique(PDF) 25 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP2185 Fiches technique(HTML) 25 Page - Analog Devices |
|
25 / 32 page ![]() ADSP-2185 REV. 0 –25– Parameter Min Max Unit IDMA Write, Long Write Cycle Timing Requirements: tIKW IACK Low before Start of Write 1 0ns tIKSU IAD15–0 Data Setup before IACK Low 2, 3, 4 0.5 tCK + 10 ns tIKH IAD15–0 Data Hold after IACK Low 2, 3, 4 2ns Switching Characteristics: tIKLW Start of Write to IACK Low 4 1.5 tCK ns tIKHW Start of Write to IACK High 15 ns NOTES 1Start of Write = IS Low and IWR Low. 2If Write Pulse ends before IACK Low, use specifications t IDSU, tIDH. 3If Write Pulse ends after IACK Low, use specifications t IKSU, tIKH. 4This is the earliest time for IACK Low from Start of Write. For IDMA Write cycle relationships, please refer to the ADSP-2100 Family User’s Manual. IAD 15–0 DATA tIKHW tIKW IACK IS IWR tIKLW tIKH tIKSU Figure 22. IDMA Write, Long Write Cycle |