Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADSP2185 Fiches technique(PDF) 24 Page - Analog Devices

No de pièce ADSP2185
Description  DSP Microcomputer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADSP2185 Fiches technique(HTML) 24 Page - Analog Devices

Back Button ADSP2185 Datasheet HTML 20Page - Analog Devices ADSP2185 Datasheet HTML 21Page - Analog Devices ADSP2185 Datasheet HTML 22Page - Analog Devices ADSP2185 Datasheet HTML 23Page - Analog Devices ADSP2185 Datasheet HTML 24Page - Analog Devices ADSP2185 Datasheet HTML 25Page - Analog Devices ADSP2185 Datasheet HTML 26Page - Analog Devices ADSP2185 Datasheet HTML 27Page - Analog Devices ADSP2185 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
ADSP-2185
REV. 0
–24–
Parameter
Min
Max
Unit
IDMA Write, Short Write Cycle
Timing Requirements:
tIKW
IACK Low before Start of Write
1
0ns
tIWP
Duration of Write
1, 2
15
ns
tIDSU
IAD15–0 Data Setup before End of Write
2, 3, 4
5ns
tIDH
IAD15–0 Data Hold after End of Write
2, 3, 4
2ns
Switching Characteristics:
tIKHW
Start of Write to
IACK High
15
ns
NOTES
1Start of Write = IS Low and IWR Low.
2End of Write = IS High or IWR High.
3If Write Pulse ends before IACK Low, use specifications t
IDSU, tIDH.
4If Write Pulse ends after IACK Low, use specifications t
IKSU, tIKH.
IAD 15–0
DATA
tIKHW
tIKW
tIDSU
IACK
tIWP
tIDH
IS
IWR
Figure 21. IDMA Write, Short Write Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32