Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2184 Fiches technique(PDF) 31 Page - Analog Devices

No de pièce 2184
Description  DSP Microcomputer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

2184 Fiches technique(HTML) 31 Page - Analog Devices

Back Button 2184 Datasheet HTML 23Page - Analog Devices 2184 Datasheet HTML 24Page - Analog Devices 2184 Datasheet HTML 25Page - Analog Devices 2184 Datasheet HTML 26Page - Analog Devices 2184 Datasheet HTML 27Page - Analog Devices 2184 Datasheet HTML 28Page - Analog Devices 2184 Datasheet HTML 29Page - Analog Devices 2184 Datasheet HTML 30Page - Analog Devices 2184 Datasheet HTML 31Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 31 page
background image
ADSP-2184
–31–
REV. 0
100-Lead Metric Thin Plastic Quad Flatpack (LQFP)
(ST-100)
SEATING
PLANE
0.030 (0.75)
0.024 (0.60) TYP
0.020 (0.50)
0.063 (1.60) MAX
12
TYP
0.007 (0.177)
0.005 (0.127) TYP
0.003 (0.077)
6 ± 4
0 – 7
0.004
(0.102)
MAX LEAD
COPLANARITY
TOP VIEW
(PINS DOWN)
1
25
26
51
50
75
100
76
0.011 (0.27)
0.009 (0.22) TYP
0.007 (0.17)
0.640 (16.25)
0.630 (16.00) TYP SQ
0.620 (15.75)
0.020 (0.50)
BSC
LEAD PITCH
0.553 (14.05)
0.551 (14.00) TYP SQ
0.549 (13.95)
0.472 (12.00) BSC
LEAD WIDTH
NOTE:
THE ACTUAL POSITION OF EACH LEAD IS WITHIN (0.08) 0.0032 FROM
ITS IDEAL POSITION WHEN MEASURED IN THE LATERAL DIRECTION.
CENTER FIGURES ARE TYPICAL UNLESS OTHERWISE NOTED
ORDERING GUIDE
Ambient
Instruction
Temperature
Rate
Package
Package
Part Number
Range
(MHz)
Description
Option*
ADSP-2184BST-160
–40
°C to +85°C
40.0
100-Lead LQFP
ST-100
*ST = Plastic Thin Quad Flatpack (LQFP).
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31