Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2184 Fiches technique(PDF) 21 Page - Analog Devices

No de pièce 2184
Description  DSP Microcomputer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

2184 Fiches technique(HTML) 21 Page - Analog Devices

Back Button 2184 Datasheet HTML 17Page - Analog Devices 2184 Datasheet HTML 18Page - Analog Devices 2184 Datasheet HTML 19Page - Analog Devices 2184 Datasheet HTML 20Page - Analog Devices 2184 Datasheet HTML 21Page - Analog Devices 2184 Datasheet HTML 22Page - Analog Devices 2184 Datasheet HTML 23Page - Analog Devices 2184 Datasheet HTML 24Page - Analog Devices 2184 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
ADSP-2184
–21–
REV. 0
Parameter
Min
Max
Unit
IDMA Address Latch
Timing Requirements:
tIALP
Duration of Address Latch1, 2
10
ns
tIASU
IAD15–0 Address Setup before Address Latch End2
5ns
tIAH
IAD15–0 Address Hold after Address Latch End2
3ns
tIKA
IACK Low before Start of Address Latch2, 3
0ns
tIALS
Start of Write or Read after Address Latch End2, 3
3ns
NOTES
1Start of Address Latch =
IS Low and IAL High.
2End of Address Latch =
IS High or IAL Low.
3Start of Write or Read =
IS Low and IWR Low or IRD Low.
tIKA
IAD 15–0
IACK
IAL
IS
IRD
IWR
OR
tIALP
tIASU
tIAH
tIALS
Figure 15. IDMA Address Latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31