Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADSP2184 Fiches technique(PDF) 22 Page - Analog Devices

No de pièce ADSP2184
Description  DSP Microcomputer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADSP2184 Fiches technique(HTML) 22 Page - Analog Devices

Back Button ADSP2184 Datasheet HTML 18Page - Analog Devices ADSP2184 Datasheet HTML 19Page - Analog Devices ADSP2184 Datasheet HTML 20Page - Analog Devices ADSP2184 Datasheet HTML 21Page - Analog Devices ADSP2184 Datasheet HTML 22Page - Analog Devices ADSP2184 Datasheet HTML 23Page - Analog Devices ADSP2184 Datasheet HTML 24Page - Analog Devices ADSP2184 Datasheet HTML 25Page - Analog Devices ADSP2184 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
ADSP-2184
–22–
REV. 0
TIMING PARAMETERS
Parameter
Min
Max
Unit
IDMA Write, Short Write Cycle
Timing Requirements:
tIKW
IACK Low before Start of Write1
0ns
tIWP
Duration of Write1, 2
15
ns
tIDSU
IAD15–0 Data Setup before End of Write2, 3, 4
5ns
tIDH
IAD15–0 Data Hold after End of Write2, 3, 4
2ns
Switching Characteristic:
tIKHW
Start of Write to
IACK High
15
ns
NOTES
1Start of Write =
IS Low and IWR Low.
2End of Write =
IS High or IWR High.
3If Write Pulse ends before
IACK Low, use specifications t
IDSU, t IDH.
4If Write Pulse ends after
IACK Low, use specifications t
IKSU, tIKH.
IAD 15–0
DATA
tIKHW
tIKW
tIDSU
IACK
tIWP
tIDH
IS
IWR
Figure 16. IDMA Write, Short Write Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31