| Moteur de recherche de fiches techniques de composants électroniques |
|
ADSP2184 Fiches technique(PDF) 16 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP2184 Fiches technique(HTML) 16 Page - Analog Devices |
|
16 / 31 page ![]() ADSP-2184 –16– REV. 0 TIMING PARAMETERS Parameter Min Max Unit Interrupts and Flag Timing Requirements: tIFS IRQx, FI, or PFx Setup before CLKOUT Low1, 2, 3, 4 0.25 tCK + 15 ns tIFH IRQx, FI, or PFx Hold after CLKOUT High1, 2, 3, 4 0.25 tCK ns Switching Characteristics: tFOH Flag Output Hold after CLKOUT Low5 0.25 tCK – 7 ns tFOD Flag Output Delay from CLKOUT Low5 0.5 tCK + 6 ns NOTES 1If IRQx and FI inputs meet t IFS and tIFH setup/hold requirements, they will be recognized during the current clock cycle; otherwise the signals will be recognized on the following cycle. (Refer to “Interrupt Controller Operation” in the Program Control chapter of the ADSP-2100 Family User’s Manual, Third Edition, for further information on interrupt servicing.) 2Edge-sensitive interrupts require pulsewidths greater than 10 ns; level-sensitive interrupts must be held low until serviced. 3 IRQx = IRQ0, IRQ1, IRQ2, IRQL0, IRQL1, IRQE. 4PFx = PF0, PF1, PF2, PF3, PF4, PF5, PF6, PF7. 5Flag outputs = PFx, FL0, FL1, FL2, Flag_out. tFOD tFOH tIFH tIFS CLKOUT FLAG OUTPUTS IRQx FI PFx Figure 10. Interrupts and Flags |