Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADMCF340BST Fiches technique(PDF) 31 Page - Analog Devices

No de pièce ADMCF340BST
Description  DashDSPTM 64-Lead Flash Mixed-Signal DSP with Enhanced Analog Front End
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADMCF340BST Fiches technique(HTML) 31 Page - Analog Devices

Back Button ADMCF340BST Datasheet HTML 27Page - Analog Devices ADMCF340BST Datasheet HTML 28Page - Analog Devices ADMCF340BST Datasheet HTML 29Page - Analog Devices ADMCF340BST Datasheet HTML 30Page - Analog Devices ADMCF340BST Datasheet HTML 31Page - Analog Devices ADMCF340BST Datasheet HTML 32Page - Analog Devices ADMCF340BST Datasheet HTML 33Page - Analog Devices ADMCF340BST Datasheet HTML 34Page - Analog Devices ADMCF340BST Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
REV. 0
ADMCF340
–31–
PWMSYNCWT + 1
fCLKOUT
TPWMSYNC, ON =
PWMSWT (R/W)
15
14
13
12
11
10
987
65432
10
00
0
0
0000
000
00000
DM (0x2061)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
01
0
00
111
00
0
000
00
PWMSYNCWT (R/W)
PWMSYNCWT
DM (0x2060)
15
14
13
12
11
10
9876
543
210
00
0
00
0
0
0
00
00
00
00
PWMDT (R/W)
PWMDT
fCLKOUT
2
PWMTM
fPWM =
DM (0x2009)
PWMTM (R/W)
PWMTM
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DM (0x2008)
0
0
0
0
0
0
0
0
0
PWMSEG (R/W)
15
14
13
12
11
10
987
6543
210
00000
00
DM (0x200F)
2
PWMTM
fCLKOUT
TD =
SECONDS
CH OUTPUT DISABLE
CL OUTPUT DISABLE
BH OUTPUT DISABLE
BL OUTPUT DISABLE
AH OUTPUT DISABLE
AL OUTPUT DISABLE
0 = ENABLE
1 = DISABLE
A CHANNEL CROSSOVER
B CHANNEL CROSSOVER
C CHANNEL CROSSOVER
0 = NO CROSSOVER
1 = CROSSOVER
Figure 22. Configuration of PWM Registers
Default bit values are shown; if no value is shown, the bit field is undefined at reset. Reserved bits are shown on a gray field—these
bits should always be written as shown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40