| Moteur de recherche de fiches techniques de composants électroniques |
|
ADMCF340BST Fiches technique(PDF) 36 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADMCF340BST Fiches technique(HTML) 36 Page - Analog Devices |
|
36 / 40 page ![]() REV. 0 ADMCF340 –36– ADC MUX CONTROL 0 = BOOT MODE 1 = UART MODE SPORT1 MODE SELECT 0 = DISABLE 1 = ENABLE PWMSYNC INTERRUPT 0 = DISABLE 1 = ENABLE PWMTRIP INTERRUPT 0 0 0 0 0 0 00 0 0 0 SYSSTAT (R) 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0 = LOW 1 = HIGH DM (0x2016) 0 = NORMAL 1 = WATCHDOG RESET OCCURRED PWMTRIP PIN STATUS WATCHDOG STATUS PWM TIMER STATUS 0 = 1ST HALF OF PWM CYCLE 1 = 2ND HALF OF PWM CYCLE 0 0 00 0 0 0 00 0 0 00 0 0 0 MODECTRL (R/W) DM (0x2015) 0 = SINGLE UPDATE MODE 1 = DOUBLE UPDATE MODE 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ADC MUX CONTROL* 0 0 00 0 0 0 00 0 0 0 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0 0 00 IRQFLAG (R) PWMTRIP INTERRUPT PWMSYNC INTERRUPT DM (0x2017) 0 0 0 0 0 0 00 0 0 00 0 0 00 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 WDTIMER (W) DM (0x2018) 01 0 = NO INTERRUPT 1 = INTERRUPT OCCURRED PWM UPDATE MODE SELECT ADC COUNTER 0 = CLKIN RATE 1 = CLKOUT RATE AUX PWM MODE SELECT CHANNEL 1 SELECTION 0 = OFFSET MODE 1 = INDEPENDENT MODE 0 = ISENSE 1 = VOLTAGE CHANNEL 2 SELECTION 0 = ISENSE 1 = VOLTAGE CHANNEL 3 SELECTION 0 = ISENSE 1 = VOLTAGE SPORT 0 MODE SELECT 0 = SPORT MODE 1 = UART MODE SPORT 0 SPI MODE 0 = SPORT 1 = SP1 MODE SPI CLOCK POLARITY 0 = STANDARD 1 = REVERSE SPI CLOCK PHASE 0 = PHA0 1 = PHA1 ADC MUX CONTROL* Figure 28. Configuration of Status/Control Registers Default bit values are shown; if no value is shown, the bit field is undefined at reset. |