Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADMCF327 Fiches technique(PDF) 34 Page - Analog Devices

No de pièce ADMCF327
Description  28-Lead Flash Memory DSP Switched Reluctance Motor Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADMCF327 Fiches technique(HTML) 34 Page - Analog Devices

Back Button ADMCF327 Datasheet HTML 28Page - Analog Devices ADMCF327 Datasheet HTML 29Page - Analog Devices ADMCF327 Datasheet HTML 30Page - Analog Devices ADMCF327 Datasheet HTML 31Page - Analog Devices ADMCF327 Datasheet HTML 32Page - Analog Devices ADMCF327 Datasheet HTML 33Page - Analog Devices ADMCF327 Datasheet HTML 34Page - Analog Devices ADMCF327 Datasheet HTML 35Page - Analog Devices ADMCF327 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
ADMCF327
–34–
REV. 0
1
DM (0x3FFE)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MEMWAIT (R/W)
1
1
0
0
0
0
00
0
11
1
1
1
SPORT1
CONFIGURE
0 = FI, FO, IRQ0, IRQ1, SCLK
1 = SERIAL PORT
SPORT1 ENABLE
0 = DISABLED
1 = ENABLED
SYSCNTL (R/W)
DM (0x3FFF)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
11
1
1
11
1
1
1
1
1
1111
Figure 28. Configuration of Registers
Default bit values are shown; if no value is shown, the bit field is undefined at reset. Reserved bits are shown on a gray field—these
bits should always be written as shown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36