| Moteur de recherche de fiches techniques de composants électroniques |
|
ADMCF327 Fiches technique(PDF) 28 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADMCF327 Fiches technique(HTML) 28 Page - Analog Devices |
|
28 / 36 page ![]() ADMCF327 –28– REV. 0 DM (0x2004) 0 = INPUT 1 = OUTPUT PIODIR0 (R/W) 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 DM (0x2044) PIODIR1 (R/W) 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 DM (0x2005) 0 = LOW LEVEL 1 = HIGH LEVEL PIODATA0 (R/W) 0 0 0 0 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 DM (0x2045) PIO8 DATA PIODATA1 (R/W) 0 0 0 00 0 0 0 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 DM (0x2049) PIOSELECT (R/W) 0 0 0 0 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0 0 0 0 0 0 0 0 PIO8/AUX0 MODE 0 0 0 0 1 1 1 11 1 1 1 1 0 0 0 = TFS1 1 = PIO0 0 = LO 1 = HI 0 = AUX0 1 = PIO8 PIO0 – PIO7 PIO8 PIO0 – PIO7 0 = DT1 1 = PIO1 0 = DR1B 1 = PIO2 0 = SCLK1 1 = PIO3 0 = AUX1 1 = PIO7 0 = CLKOUT 1 = PIO6 0 = RFS1 1 = PIO5 0 = DR1A 1 = PIO4 0 = INPUT 1 = OUTPUT Figure 22. Configuration of PIO Registers Default bit values are shown; if no value is shown, the bit field is undefined at reset. Reserved bits are shown on a gray field—these bits should always be written as shown. |