Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADMC331 Fiches technique(PDF) 36 Page - Analog Devices

No de pièce ADMC331
Description  Single Chip DSP Motor Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADMC331 Fiches technique(HTML) 36 Page - Analog Devices

Back Button ADMC331 Datasheet HTML 28Page - Analog Devices ADMC331 Datasheet HTML 29Page - Analog Devices ADMC331 Datasheet HTML 30Page - Analog Devices ADMC331 Datasheet HTML 31Page - Analog Devices ADMC331 Datasheet HTML 32Page - Analog Devices ADMC331 Datasheet HTML 33Page - Analog Devices ADMC331 Datasheet HTML 34Page - Analog Devices ADMC331 Datasheet HTML 35Page - Analog Devices ADMC331 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 36 page
background image
ADMC331
–36–
REV. B
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
80-Lead Plastic Thin Quad Flatpack (TQFP)
(ST-80)
SEATING
PLANE
0.063 (1.60)
MAX
0.030 (0.75)
0.020 (0.50)
0.004
(0.10)
MAX
0.057 (1.45)
0.053 (1.35)
0.006 (0.15)
0.002 (0.05)
0.014 (0.35)
0.010 (0.25)
0.640 (16.25)
0.620 (15.75)
0.553 (14.05)
0.549 (13.95)
1
20
21
41
40
60
61
80
0.486 (12.35) TYP
TOP VIEW
(PINS DOWN)
0.029 (0.73)
0.022 (0.57)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36