Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADMC331 Fiches technique(PDF) 33 Page - Analog Devices

No de pièce ADMC331
Description  Single Chip DSP Motor Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADMC331 Fiches technique(HTML) 33 Page - Analog Devices

Back Button ADMC331 Datasheet HTML 28Page - Analog Devices ADMC331 Datasheet HTML 29Page - Analog Devices ADMC331 Datasheet HTML 30Page - Analog Devices ADMC331 Datasheet HTML 31Page - Analog Devices ADMC331 Datasheet HTML 32Page - Analog Devices ADMC331 Datasheet HTML 33Page - Analog Devices ADMC331 Datasheet HTML 34Page - Analog Devices ADMC331 Datasheet HTML 35Page - Analog Devices ADMC331 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
ADMC331
–33–
REV. B
0
0
0
0
0
0
00
0
0
0
SYSSTAT (R)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0 = LOW
1 = HIGH
DM (0x2016)
0 = NORMAL
1 = WATCHDOG RESET
OCCURRED
PWMTRIP
PIN STATUS
0 = LOW
1 = HIGH
WATCHDOG
STATUS
PWMPOL PIN
STATUS
PWMSR
PIN STATUS
1 = SR MODE
0 = NORMAL
PWM TIMER
STATUS
0 = 1ST HALF OF PWM
CYCLE
1 = 2ND HALF OF PWM
CYCLE
0
0
00
0
0
0
00
0
0
00
0
0
0
MODECTRL (R/W)
DM (0x2015)
SPORT1 DATA
RECEIVE SELECT
0 = DR1A
1 = DR1B
0 = SPORT
1 = UART
SPORT1 MODE
SELECT
PWM UPDATE MODE
SELECT
0 = SINGLE UPDATE MODE
1 = DOUBLE UPDATE MODE
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
ADC MUX CONTROL
00 VAUX0
01 VAUX1
10 VAUX2
11 VAUX3
PWMTRIP
INTERRUPT
0 = DISABLE
1 = ENABLE
PWMSYNC
INTERRUPT
0 = DISABLE
1 = ENABLE
AUXILIARY
PWM SELECT
0 = OFFSET MODE
1 = INDEPENDENT MODE
ADC
COUNTER
SELECT
0 = 1/2 DSP CLOCKOUT
FREQUENCY
1 = DSP CLOCKOUT
FREQUENCY
0
0
00
0
0
0
00
0
0
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
00
IRQFLAG (R)
PWMTRIP
1 = ACTIVE
PWMSYNC 1 = ACTIVE
DM (0x2017)
0
0
0
0
0
0
00
0
0
00
0
0
00
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
WDTIMER (W)
DM (0x2018)
Figure 22. Configuration of ADMC331 Registers
Default bit values are shown; if no value is shown, the bit field is undefined at reset. Reserved bits are shown on a gray field—these
bits should always be written as shown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36