| Moteur de recherche de fiches techniques de composants électroniques |
|
ADMC326 Fiches technique(PDF) 27 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADMC326 Fiches technique(HTML) 27 Page - Analog Devices |
|
27 / 31 page ![]() ADMC326 –27– REV. A AUXTM0 (R/W) 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 AUXCH1 (R/W) 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 DM (0x2011) AUXCH0 (R/W) 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 DM (0x2010) DM (0x2012) AUXTM1 (R/W) 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 DM (0x2013) AUX1 PERIOD = 2 (1 + AUXTM1) tCK OFFSET = 2 (1 + AUXTM1) tCK TON, AUX0 = 2 (AUXCH0) tCK TON, AUX1 = 2 (AUXCH1) tCK AUX0 PERIOD = 2 (AUXTM0 + 1) tCK Figure 23. Configuration of AUX Registers Default bit values are shown; if no value is shown, the bit field is undefined at reset. Reserved bits are shown on a gray field—these bits should always be written as shown. |