| Moteur de recherche de fiches techniques de composants électroniques |
|
ADMC326 Fiches technique(PDF) 23 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADMC326 Fiches technique(HTML) 23 Page - Analog Devices |
|
23 / 31 page ![]() ADMC326 –23– REV. A 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 00 0 00 0 0 0 00 0 0 0 0 0 0 TD = 2 PWMDT fCLKOUT SECONDS PWMDT (R/W) DM (0x2009) PWMDT fPWM = PWMTM (R/W) DM (0x2008) PWMTM 2 PWMTM fCLKOUT 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0 0 0 0 0 0 0 0 0 0 = ENABLE 1 = DISABLE CH OUTPUT DISABLE CL OUTPUT DISABLE BH OUTPUT DISABLE BL OUTPUT DISABLE AH OUTPUT DISABLE AL OUTPUT DISABLE 0 = NO CROSSOVER 1 = CROSSOVER A CHANNEL CROSSOVER B CHANNEL CROSSOVER C CHANNEL CROSSOVER DM (0x200F) PWMSEG (R/W) 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 000 0 0 0 0 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 01 0 00 1 1 1 00 0 0 0 0 0 0 PWMSYNCWT (R/W) DM (0x2060) PWMSYNCWT TPWMSYNC, ON = PWMSYNCWT + 1 fCLKOUT 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 00 0 00 0 0 0 00 0 0 00 0 0 PWMSWT (R/W) DM (0x2061) Figure 19. Configuration of PWM Registers Default bit values are shown; if no value is shown, the bit field is undefined at reset. Reserved bits are shown on a gray field—these bits should always be written as shown. |