| Moteur de recherche de fiches techniques de composants électroniques |
|
DBMZ95PJA101 Fiches technique(PDF) 48 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DBMZ95PJA101 Fiches technique(HTML) 48 Page - ITT Industries |
|
48 / 62 page ![]() PCB Hole Pattern D*MA High Density C-48 www.ittcannon.com Dimensions shown in inches (mm) Specifications and dimensions subject to change 90° PCB Hole Pattern 24,99 (.984) 2,29 (.090) 2,04 (.080) 1,40 (.055) 0,89 (.035) 0,25 (.010) 33,32 (1.312) 2,29 (.090) 1,78 (.070) 0,51 (.020) 0,64 (.025) 1,65 (.065) 47,04 (1.852) 2,29 (.090) 1,78 (.070) 0,51 (.020) 0,64 (.025) 1,64 (.065) 63,50 (2.500) 1,63 (.064) 0,79 (.031) 0,42 (.0165) 2,41 (.095) 1,99 (0785) 61,11 (2.406) 2,41 (.095) 1,21 (.048) 63,50 (2.500) 1,83 (.072) 0,58 (.023) 0,62 (.024) 2,41 (.095 1,79 (070) (Mating Side) (Mating Side) (Mating Side) (Mating Side) (Mating Side) (Mating Side) SIZE E 15 Contacts SIZE A 26 Contacts SIZE B 44 Contacts SIZE C 62 Contacts SIZE D 78 Contacts SIZE F 104 Contacts 13,82 (0.544) 13,82 (0.544) 13,82 (0.544) 13,82 (0.544) 15.39 (0.606) 15.6 (0.614) FROM REAR FLANGE SHELL REF FROM REAR FLANGE SHELL REF FROM REAR FLANGE SHELL REF FROM REAR FLANGE SHELL REF FROM REAR FLANGE SHELL REF FROM REAR FLANGE SHELL REF Face view, pin insert for plug (use a mirror image for receptacle) Dimension X 1,98 (.078) for sizes E, A, B, C 2,08 (.082) for size D Recommended PC hole for signal contacts ? 0,90 (.035) min for terminations ? 0,51 (.020) ? 1,00 (.040) min for terminations ? 0,57 (.022) Recommended PCB mounting hole ? 3.05 (.120) C ca_C1-C61.qxd:Layout 1 2/10/11 9:32 AM Page 48 |