Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADDC02808PB Fiches technique(PDF) 2 Page - Analog Devices

No de pièce ADDC02808PB
Description  28 V, 200 W Pulsed DC/DC Converter with Integral EMI Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADDC02808PB Fiches technique(HTML) 2 Page - Analog Devices

  ADDC02808PB Datasheet HTML 1Page - Analog Devices ADDC02808PB Datasheet HTML 2Page - Analog Devices ADDC02808PB Datasheet HTML 3Page - Analog Devices ADDC02808PB Datasheet HTML 4Page - Analog Devices ADDC02808PB Datasheet HTML 5Page - Analog Devices ADDC02808PB Datasheet HTML 6Page - Analog Devices ADDC02808PB Datasheet HTML 7Page - Analog Devices ADDC02808PB Datasheet HTML 8Page - Analog Devices ADDC02808PB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADDC02808PB–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Case
Test
ADDC02808PB
Parameter
Temp
Level
Conditions
Min
Typ
Max
Units
INPUT CHARACTERISTICS
Steady State Operating Input Voltage Range1
Full
VI
IO = 1.25 A to 25 A Pulsed
18
28
40
V
Abnormal Operating Input Voltage Range
(Per MIL-STD-704D)1
Full
VI
IO = 1.25 A to 25 A Pulsed
16
50
V
Input Overvoltage Shutdown
+25
°C
I
50
52.5
55
V
No Load Input Current
+25
°CVI
45
90
mA
Disabled Input Current
+25
°CVI
1
2
mA
OUTPUT CHARACTERISTICS2, 3
Output Voltage (VO)
+25
°CI
IO = 1.25 A to 25 A, VIN = 18 V to 40 V dc
7.92
8.00
8.08
V
Full
VI
IO = 1.25 A to 25 A, VIN = 18 V to 40 V dc
7.84
8.16
V
Full
VI
IO = 1.25 A to 20 A, VIN = 16 V to 50 V dc
7.84
8.16
V
Line Regulation
+25
°CVI
IO = 25 A Pulsed, VIN = 18 V to 40 V dc
1
5
mV
Load Regulation
+25
°CVI
VIN = 28 V dc, IO = 1.25 A to 25 A Pulsed
2.5
10
mV
Output Ripple/Noise4
+25
°CI
IO = 25 A, 5 kHz – 2 MHz BW
10
30
mV p-p
Output Current (IO)
5
Full
VI
VIN = 18 V to 40 V dc, Pulsed
1.25
25
A
Output Overvoltage Protection
+25
°CV
IO = 25 A, Open Remote Sense Connection
125
% VO nom
Output Current Limit
+25
°CV
VO = 90% VOUT Nom
130
% IO max
Output Short Circuit Current
+25
°CI
40
A
ISOLATION CHARACTERISTICS
Isolation Resistance
+25
°C
I
Input to Output or Any Pin to Case at 500 V dc
100
M
Ω
DYNAMIC CHARACTERISTICS4
Step Changes In Load (min to max)
+25
°C
I
(Reference Section Entitled “Transient Response”)
Step Changes In Load (max to min)
(Reference Section Entitled “Response at End
of Pulse”)
Soft Start Turn-On Time
+25
°CI
IO = 25 A, From Inhibit High to Status High
6
10
ms
THERMAL CHARACTERISTICS
Efficiency
+25
°CI
IO = 12.5 A
77.5
Min
VI
IO = 12.5 A
77.5
80
%
Max
VI
IO = 12.5 A
76
%
+25
°CI
IO = 25 A
73.5
76
%
Min
VI
IO = 25 A
73.5
%
Max
VI
IO = 25 A
71
%
Hottest Junction Temperature5
+90
°CV
IO = 25 A
110
°C
CONTROL CHARACTERISTICS
Clock Frequency
Full
VI
IO = 2 A
0.85
0.99
MHz
ADJUST (Pin 3) V ADJ
+25
°C
I
3.1
3.2
3.3
V
STATUS (Pin 4)
VOH
+25
°CI
IOH = 400
µA2.4
4.0
V
VOL
+25
°CI
IOL = 1 mA
0.15
0.7
V
VAUX (Pin 5)
VO (nom)
+25
°CI
IAUX = 5 mA, Load Current = 12.5 A
14.65 15.15
15.65
V
INHIBIT (Pin 6)
VIL
+25
°CI
0.5
V
IIL
+25
°CI
VIL = 0.5 V
1.2
mA
VI (Open Circuit)
+25
°CI
15
V
SYNC (Pin 7)6
VIH
+25
°CI
4.0
V
IIH
+25
°CI
VIH = 7.0 V
175
µA
ISHARE (Pin 8)
+25
°CI
IO = 20 A
2.45
2.55
2.65
V
TEMP (Pin 9)
+25
°C
V
3.90
V
NOTES
150 V dc upper limit rated for transient condition of up to 50 ms. 16 V dc lower limit rated for continuous operation during emergency condition. Steady state and
abnormal input voltage range require source impedance sufficient to insure input stability at low line. See sections entitled System Instability Considerations and Input
Voltage Range.
2Measured at the remote sense points.
3Unit regulates output voltage to zero load; tests performed at low continuous load and 200 W pulsed load.
4C
LOAD = 1,000
µF. Output ripple/noise measured at converter output; may be smaller at external load capacitance. Unit is stable for C
LOAD ranging from 500
µF to
4,000
µF.
5Refer to section entitled “Pulse Output Power vs. Pulse Length” for more information.
6Unit has internal pull-down; refer to section entitled Pin 7 (SYNC).
Specifications subject to change without notice.
REV. A
–2–
(TC = +25 C, VIN = 28 V dc
0.5 V dc, unless otherwise noted; full temperature range is
–55 C to +90 C; all temperatures are case and TC is the temperature measured at the center of the package bottom.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20