| Moteur de recherche de fiches techniques de composants électroniques |
|
ADDC02808PB Fiches technique(PDF) 6 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADDC02808PB Fiches technique(HTML) 6 Page - Analog Devices |
|
6 / 20 page ![]() ADDC02808PB–Typical EMI Curves & Test Setup for 28 V IN, 5 V dc Out, 100 W Converter REV. A –6– FREQUENCY – MHz 130 0.01 0.0001 0.001 70 90 30 110 50 CONDUCTED EMISSIONS CE101 CE101–1 4.5 AMPS Figure 11. Conducted Emissions, MIL-STD-461D, CE101, +28 V Hot Line 100 W Load FREQUENCY – MHz 130 10 0.01 0.1 70 90 30 110 50 1 CONDUCTED EMISSIONS CE102 LIMIT 28VDC Figure 12. Conducted Emissions, MIL-STD-461D, CE102, +28 V Hot Line 100 W Load FREQUENCY – MHz 166 0.1 0.0001 0.001 106 126 66 146 86 0.01 RE101 MIL-STD-461D RE101–1 Figure 13. Radiated Emissions, MIL-STD-461D, RE101, 100 W Load FREQUENCY – MHz 90 10 0.01 0.1 30 50 –30 70 10 1 100 1000 RADIATED EMISSIONS RE102 RE102–2 Figure 14. Radiated Emissions, MIL-STD-461D, RE102, Vertical Polarity, 100 W Load +VIN –VIN +VOUT RETURN CASE LISN 1/4 0.1 F GROUND PLANE 82nF 82nF 2 F 1 100 F TWO METERS OF TWISTED CABLE NOTE: 100 F CAPACITOR AND 1 RESISTOR PROVIDE STABILIZATION FOR 100 H DIFFERENTIAL SOURCE INDUCTANCE INTRODUCED BY THE LISNs. REFER TO SECTION ON EMI CONSIDERATIONS FOR MORE INFORMATION. LISN Figure 15. Schematic of Test Setup for EMI Measurements |