| Moteur de recherche de fiches techniques de composants électroniques |
|
AD9888/PCB Fiches technique(PDF) 30 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9888/PCB Fiches technique(HTML) 30 Page - Analog Devices |
|
30 / 32 page ![]() REV. A AD9888 –30– OUTLINE DIMENSIONS Dimensions shown in inches and (mm). 128-Lead Plastic Quad Flatpack (MQFP) (S-128A) TOP VIEW (PINS DOWN) 1 38 39 65 64 102 128 103 0.011 (0.27) 0.009 (0.22) 0.007 (0.17) 0.020 (0.50) BSC* 0.555 (14.10) 0.551 (14.00) 0.547 (13.90) 0.685 (17.40) 0.677 (17.20) 0.669 (17.00) 0.791 (20.10) 0.787 (20.00) 0.783 (19.90) 0.921 (23.40) 0.913 (23.20) 0.906 (23.00) SEATING PLANE 0.134 (3.40) MAX 0.041 (1.03) 0.035 (0.88) 0.031 (0.78) 0.003 (0.08) MAX 0.010 (0.25) MIN 0.110 (2.80) 0.106 (2.70) 0.102 (2.60) * THE ACTUAL POSITION OF EACH LEAD IS WITHIN 0.00315 (0.08) FROM ITS IDEAL POSITION WHEN MEASURED IN THE LATERAL DIRECTION. CENTER FIGURES ARE TYPICAL UNLESS OTHERWISE NOTED. THE CONTROLLING DIMENSIONS ARE IN MM. |