| Moteur de recherche de fiches techniques de composants électroniques |
|
MPL115A2 Fiches technique(PDF) 13 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPL115A2 Fiches technique(HTML) 13 Page - Freescale Semiconductor, Inc |
|
13 / 16 page ![]() Sensors 13 Freescale Semiconductor, Inc. MPL115A2 7 Tape and Reel Specifications Figure 7. LGA (3 x 5) Embossed Carrier Tape Dimensions Figure 8. Device Orientation in Chip Carrier (I) Measured from centerline of sprocket hole to centerline of pocket. (II) Cumulative tolerance of 10 sprocket holes is ±0.20. (III) Measured from centerline of sprocket hole to centerline of pocket. (IV) Other material available. Dimensions are in millimeters. Ao 3.35 ± 0.10 Bo 5.35 ± 0.10 Ko 1.20 ± 0.10 F 5.50 ± 0.10 P1 8.00 ± 0.10 W 12.00 ± 0.10 Pin 1 Index Area |