Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACRICH2 Fiches technique(PDF) 13 Page - Seoul Semiconductor

No de pièce ACRICH2
Description  Acrich2 is designed to connect directly to AC source via 2wires with no AC/DC converter which is essential for conventional general lighting.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEOUL [Seoul Semiconductor]
Site Internet  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

ACRICH2 Fiches technique(HTML) 13 Page - Seoul Semiconductor

Back Button ACRICH2 Datasheet HTML 8Page - Seoul Semiconductor ACRICH2 Datasheet HTML 9Page - Seoul Semiconductor ACRICH2 Datasheet HTML 10Page - Seoul Semiconductor ACRICH2 Datasheet HTML 11Page - Seoul Semiconductor ACRICH2 Datasheet HTML 12Page - Seoul Semiconductor ACRICH2 Datasheet HTML 13Page - Seoul Semiconductor ACRICH2 Datasheet HTML 14Page - Seoul Semiconductor ACRICH2 Datasheet HTML 15Page - Seoul Semiconductor ACRICH2 Datasheet HTML 16Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
서식번호 : SSC- QP- 7- 07- 25 (Rev.00)
Rev. 00
Rev. 00
August 2011
August 2011
www.Acrich.com
www.Acrich.com
13
2.6 Dimming Performance (TRIAC Dimmer)
2. Acrich IC Module Circuit Configurations
Incandescent lamp replacement with LED lamps is recently growing by leaps and bounds.
One of the requirements for these LED lamps is compatibility with dimmers designed for
incandescent lamps. Incandescent lamp primarily utilize phase modulating dimming through
TRIAC switches to control the power sent to the bulb.
Fig 16. TRIAC Control Type
Fig 17. Various TRIAC Dimmers
Leading Edge Type
Trailing Edge Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16