Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MTCH6301-I/ML Fiches technique(PDF) 19 Page - Microchip Technology

No de pièce MTCH6301-I/ML
Description  The MTCH6301 is a turnkey projected capacitive con-troller that allows easy integration of multi-touch and gestures to create a rich user interface in your design.
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTCH6301-I/ML Fiches technique(HTML) 19 Page - Microchip Technology

Back Button MTCH6301-I/ML Datasheet HTML 15Page - Microchip Technology MTCH6301-I/ML Datasheet HTML 16Page - Microchip Technology MTCH6301-I/ML Datasheet HTML 17Page - Microchip Technology MTCH6301-I/ML Datasheet HTML 18Page - Microchip Technology MTCH6301-I/ML Datasheet HTML 19Page - Microchip Technology MTCH6301-I/ML Datasheet HTML 20Page - Microchip Technology MTCH6301-I/ML Datasheet HTML 21Page - Microchip Technology MTCH6301-I/ML Datasheet HTML 22Page - Microchip Technology MTCH6301-I/ML Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
 2012 Microchip Technology Inc.
DS41663A-page 19
MTCH6301 PROJECTED CAPACITIVE TOUCH CONTROLLER
FIGURE 7-2:
SLEEP FUNCTIONALITY
7.3
Non-Volatile RAM (NVRAM)
Permanent storage of parameters that have been mod-
ified can be achieved using the internal NVRAM. This
NVRAM is not meant for continuous writing, as it has a
low write cycle limit of 20,000.
Upon startup, the NVRAM’s data (if present) is loaded
into the controller. If no data is available in the NVRAM,
the device defaults are loaded instead.
Please note that parameters cannot be written individ-
ually to the NVRAM. All registers will be written with
one command. See the applicable command within the
command set for more details. (Section 5.6 “Full
Command Set”
)
No touch for
[SLP2] msec?
[Normal Full Decode
of Sensor]
Transmit
Touch
Sleep for
[SLP1] msec
Wake up;
Touch exists?
Yes
No
Yes
Touch?
No
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32