Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MTCH6301-I/ML Fiches technique(PDF) 25 Page - Microchip Technology

No de pièce MTCH6301-I/ML
Description  The MTCH6301 is a turnkey projected capacitive con-troller that allows easy integration of multi-touch and gestures to create a rich user interface in your design.
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTCH6301-I/ML Fiches technique(HTML) 25 Page - Microchip Technology

Back Button MTCH6301-I/ML Datasheet HTML 21Page - Microchip Technology MTCH6301-I/ML Datasheet HTML 22Page - Microchip Technology MTCH6301-I/ML Datasheet HTML 23Page - Microchip Technology MTCH6301-I/ML Datasheet HTML 24Page - Microchip Technology MTCH6301-I/ML Datasheet HTML 25Page - Microchip Technology MTCH6301-I/ML Datasheet HTML 26Page - Microchip Technology MTCH6301-I/ML Datasheet HTML 27Page - Microchip Technology MTCH6301-I/ML Datasheet HTML 28Page - Microchip Technology MTCH6301-I/ML Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
 2012 Microchip Technology Inc.
DS41663A-page 25
MTCH6301 PROJECTED CAPACITIVE TOUCH CONTROLLER
10.0
PACKAGING INFORMATION
Legend:
XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note
:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
44-Lead QFN (8x8x0.9 mm)
Example
XXXXXXXXXXX
XXXXXXXXXXX
YYWWNNN
XXXXXXXXXXX
PIN 1
PIN 1
44-Lead TQFP (10x10x1 mm)
Example
XXXXXXXXXX
YYWWNNN
XXXXXXXXXX
XXXXXXXXXX
MTCH6301
-I/PT
1130235
3
e
MTCH6301
-I/PT
1130235
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32