Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD6623BC/PCB Fiches technique(PDF) 17 Page - Analog Devices

No de pièce AD6623BC/PCB
Description  4-Channel, 104 MSPS Digital Transmit Signal Processor TSP
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD6623BC/PCB Fiches technique(HTML) 17 Page - Analog Devices

Back Button AD6623BC/PCB Datasheet HTML 13Page - Analog Devices AD6623BC/PCB Datasheet HTML 14Page - Analog Devices AD6623BC/PCB Datasheet HTML 15Page - Analog Devices AD6623BC/PCB Datasheet HTML 16Page - Analog Devices AD6623BC/PCB Datasheet HTML 17Page - Analog Devices AD6623BC/PCB Datasheet HTML 18Page - Analog Devices AD6623BC/PCB Datasheet HTML 19Page - Analog Devices AD6623BC/PCB Datasheet HTML 20Page - Analog Devices AD6623BC/PCB Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
REV. 0
AD6623
–17–
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9876543210
BIT
< msb, I, lsb >
< msb, Q, lsb >
FIR
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9876543210
BIT
< msb, I, lsb >
< msb, Q, lsb >
COMPACT FIR
15
14
13
12
11
10
9876543210
BIT
< msb, I, lsb >
< msb, Q, lsb >
COMPACT FIR
43210
BIT
m
s
D1
D2
D0
8PSK
43210
BIT
SERIAL SYNC
m
s
X
D1
D0
QPSK
RAMP
43210
BIT
M
S
X
X
D0
MSK/GSM
210
BIT
0
D1
D0
8PSK
1
0
BIT
D1
D0
QPSK
0
BIT
D0
MSK/GSM
Figure 17. Data Formats Supported by the AD6623 when
SCLK Master (SCS = 0), and SFDO Set for Frame Request (SFE = 0)
INTERPOLATING
FIR
FILTER
INTERPOLATING
MSK
MODULATOR
INTERPOLATING
QPSK
MODULATOR
ALLPASS
PHASE
EQUALIZER
PSK
MODULATOR
SCALE
AND
RAMP
DATA FROM SERIAL PORT
DATA TO CIC FILTERS
Figure 18. RCF Block Diagram
Table IV. FIR Filter Internal Precision
Minimum
Maximum
Signal
x
y Notation
Decimal
Hexadecimal (h)
Decimal
Hexadecimal (h)
I and Q Inputs
1.15
–1.00000
+1.00000
0.999969
0.FFFE
Coefficients
1.15
–1.00000
+1.00000
0.999969
0.FFFE
Product
2.18
–0.99969
+3.00020
1.000000
1.00000
Sum
4.18
–7.00000
+8.0000
7.999996
7.FFFFC
FIR Output
1.17
–1.00000
+1.00000
0.999992
0.FFFF8
The Scale and Ramp block adjusts the final magnitude of the
modulated RCF output. A synchronization pulse from the SYNC0–3
pins or serial words can be used to command this block to ramp
down, pause, and ramp up to a new scale factor. The shape of
the ramp is stored in RAM, allowing complete sample by sample
control at the RCF interpolated rate. This is particularly useful
for time division multiplexed standards such as GSM/EDGE.
Modulator configurations can be updated while the ramp is quiet,
allowing for GSM and EDGE timeslots to be multiplexed together
without resetting or reconfiguring the channel. Each of the RCF
processing blocks is discussed in greater detail in the following
sections.
INTERPOLATING FIR FILTER
The Interpolating FIR Filter realizes a real, sum-of-products filter
on I and Q inputs using a single interleaved Multiply-Accumulator
(MAC) running at the CLK rate. The input signal is interpolated
by integer factors to produce arbitrary impulse responses up to
256 output samples long.
Each bus in the data path carries bipolar two’s complement values.
For the purpose of discussion, we will arbitrarily consider the radix
point positioned so that the input data ranges from –1 to just
below 1. In Figure 19, the data buses are marked x
y to denote
finite precision limitations. A bus marked x
y has x bits above
the radix and y bits below the radix, which implies a range from



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40