Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD28MSP01 Fiches technique(PDF) 27 Page - Analog Devices

No de pièce AD28MSP01
Description  PSTN Signal Port
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD28MSP01 Fiches technique(HTML) 27 Page - Analog Devices

Back Button AD28MSP01 Datasheet HTML 20Page - Analog Devices AD28MSP01 Datasheet HTML 21Page - Analog Devices AD28MSP01 Datasheet HTML 22Page - Analog Devices AD28MSP01 Datasheet HTML 23Page - Analog Devices AD28MSP01 Datasheet HTML 24Page - Analog Devices AD28MSP01 Datasheet HTML 25Page - Analog Devices AD28MSP01 Datasheet HTML 26Page - Analog Devices AD28MSP01 Datasheet HTML 27Page - Analog Devices AD28MSP01 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
AD28msp01
REV. A
–27–
ST-44
44-Lead Metric Thin Plastic Quad Flat Pack (TQFP)
SEATING
PLANE
0.063 (1.60)
MAX
0.030 (0.75)
0.019 (0.50)
0.004
(0.10)
MAX
0.057 (1.45)
0.053 (1.35)
0.006 (0.15)
0.002 (0.05)
TOP VIEW
(PINS DOWN)
133
34
44
11
12
23
22
0.640 (16.25)
0.620 (15.75)
0.553 (14.05)
0.549 (13.95)
0.397 (10.07)
0.391 (9.93)
0.016 (0.40)
0.012 (0.30)
0.042 (1.07)
0.037 (0.93)
ORDERING GUIDE
Part Number
Temperature Range
Package
Package Option*
AD28msp01KP
0
°C to +70°C
44-Pin PLCC
P-44A
AD28msp01KN
0
°C to +70°C
28-Pin Plastic DIP
N-28
AD28msp01KR
0
°C to +70°C
28-Lead SOIC
R-28
AD28msp01KST†
0
°C to +70°C
44-Lead TQFP
ST-44
NOTES
*P = PLCC, N = Plastic DIP, R = Small Outline (SOIC), ST = TQFP.
†In Development.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28