Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD28MSP01 Fiches technique(PDF) 1 Page - Analog Devices

No de pièce AD28MSP01
Description  PSTN Signal Port
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD28MSP01 Fiches technique(HTML) 1 Page - Analog Devices

  AD28MSP01 Datasheet HTML 1Page - Analog Devices AD28MSP01 Datasheet HTML 2Page - Analog Devices AD28MSP01 Datasheet HTML 3Page - Analog Devices AD28MSP01 Datasheet HTML 4Page - Analog Devices AD28MSP01 Datasheet HTML 5Page - Analog Devices AD28MSP01 Datasheet HTML 6Page - Analog Devices AD28MSP01 Datasheet HTML 7Page - Analog Devices AD28MSP01 Datasheet HTML 8Page - Analog Devices AD28MSP01 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
FUNCTIONAL BLOCK DIAGRAM
16-BIT
SIGMA-DELTA
DAC
ANALOG
INPUTS
RESAMPLING
INTERPOLATION
FILTER
DIFFERENTIAL
ANALOG
OUTPUT
CLOCK INPUTS
CLOCK OUTPUTS
CLOCK
GENERATION
SERIAL
PORT
DIGITAL
DATA AND
CONTROL
VOLTAGE
REFERENCE
16-BIT
SIGMA-DELTA
ADC
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
PSTN Signal Port
AD28msp01
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
Complete Analog l/O Port for DSP-Based FAX/MODEM
Applications
Linear-Coded 16-Bit Sigma-Delta ADC
Linear-Coded 16-Bit Sigma-Delta DAC
On-Chip Anti-Alias and Anti-lmage Filters
Digital Resampling/lnterpolation Filter
7.2 kHz, 8.0 kHz, and 9.6 kHz Sampling Rates
8/7 Mode for 8.23 kHz, 9.14 kHz, and 10.97 kHz
Sampling Rates
Synchronous and Asynchronous DAC/ADC Modes
Bit and Baud Clock Generation
Transmit Digital Phase-Locked Loop for Terminal
Synchronization
Independent Transmit and Receive Phase Adjustment
Serial Interface to DSP Processors
+5 V Operation with Power-Down Mode
28-Pin Plastic DlP/44-Lead PLCC/28-Lead SOIC
APPLICATIONS
High Performance DSP-Based Modems
V.32ter, V.32bis, V.32, V.22bis, V.22, V.21,
Bell 212A, 103
Fax and Cellular-Compatible Modems
V.33, V.29, V.27ter, V.27bis, V.27, V.26bis
Integrated Fax, Modem, and Speech Processing
GENERAL DESCRIPTION
The AD28msp01 is a complete analog front end for high perfor-
mance DSP-based modems. The device includes all data conver-
sion, filtering, and clock generation circuitry needed to imple-
ment an echo-cancelling modem with a single host digital signal
processor. Software-programmable sample rates and clocking
modes support all established modem standards. The AD28msp01
simplifies overall system design by requiring only +5 volts.
The inclusion of on-chip anti-aliasing and anti-imaging filters
and 16-bit sigma-delta ADC and DAC ensures a highly inte-
grated and compact solution for FAX or data MODEM applica-
tions. Sigma-delta conversion technology eliminates the need for
complex off-chip anti-aliasing filters and sample-and-hold circuitry.
The AD28msp01 utilizes advanced sigma-delta technology to
move the entire echo-cancelling modem implementation into the
digital domain. The device maintains a –72 dB SNR throughout
all filtering and data conversion. Purely DSP-based echo cancel-
lation algorithms can thereby maintain robust bit error rates
under worst-case signal attenuation and echo amplitude condi-
tions. The AD28msp01’s on-chip interpolation filter resamples
the received signal after echo cancellation in the DSP, freeing
the processor for other voice or data communications tasks.
On-chip bit and baud clock generation circuitry provides for
either synchronous or asynchronous operation of the transmit
(DAC) and receive (ADC) paths. Each path features indepen-
dent phase advance and retard adjustments via software control.
The AD28msp01 can also synchronize modem operation to an
external terminal bit clock.
The AD28msp01’s serial I/O port provides an easy interface to
host DSP microprocessors such as the ADSP-2101, ADSP-2105,
and ADSP-2111. Packaged in a 28-pin plastic DIP, 44-lead
PLCC, 44-pin TQFP, or 28-lead SOIC, the AD28msp01 pro-
vides a compact solution for space-constrained environments.
The device operates from a +5 V supply and offers a low power
sleep mode for battery-powered systems.
A detailed block diagram of the AD28msp01 is shown in
Figure 1.


Numéro de pièce similaire - AD28MSP01

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD28MSP02 AD-AD28MSP02 Datasheet
330Kb / 20P
Voiceband Signal Port
AD28MSP02BN AD-AD28MSP02BN Datasheet
330Kb / 20P
Voiceband Signal Port
AD28MSP02BR AD-AD28MSP02BR Datasheet
330Kb / 20P
Voiceband Signal Port
AD28MSP02KN AD-AD28MSP02KN Datasheet
330Kb / 20P
Voiceband Signal Port
AD28MSP02KR AD-AD28MSP02KR Datasheet
330Kb / 20P
Voiceband Signal Port
More results

Description similaire - AD28MSP01

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD28MSP02 AD-AD28MSP02 Datasheet
330Kb / 20P
Voiceband Signal Port
logo
Bel Fuse Inc.
0803-7700-03 BEL-0803-7700-03 Datasheet
151Kb / 2P
VDSL / PSTN CO Splitter
0803-7700-05 BEL-0803-7700-05 Datasheet
153Kb / 2P
VDSL / PSTN CPE Splitter
0803-7700-11 BEL-0803-7700-11 Datasheet
151Kb / 2P
VDSL / PSTN CO Splitter
logo
List of Unclassifed Man...
AG2120 ETC1-AG2120 Datasheet
246Kb / 14P
FULLY FEATURED PSTN INTERFACE
AG2130 ETC2-AG2130 Datasheet
322Kb / 11P
LOW COST PSTN INTERFACE
logo
Cynergy3 Co
SC-ISOCON3 CYNERGY3-SC-ISOCON3 Datasheet
190Kb / 1P
3 Port Isolating Signal Converter
SC-ISOCON6 CYNERGY3-SC-ISOCON6 Datasheet
190Kb / 1P
3 Port Isolating Signal Converter
logo
Silver Telecom 2019
AG2120 SILVERTEL-AG2120 Datasheet
204Kb / 13P
FULLY FEATURED PSTN INTERFACE
AG2130 SILVERTEL-AG2130 Datasheet
154Kb / 11P
Low Cost PSTN Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28