| Moteur de recherche de fiches techniques de composants électroniques |
|
AD1816AJS Fiches technique(PDF) 46 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD1816AJS Fiches technique(HTML) 46 Page - Analog Devices |
|
46 / 52 page ![]() AD1816A –46– REV. A Table XIV. AD1816A Pin Muxing PQFP TQFP Pin Function I/O Flags Required 199 I 2S0_DATA I I 2S0_HV VOL_UP II 2S0_HV 2 100 I 2S0_LRCLK I I 2S0_HV VOL_DN II 2S0_HV 31 I 2S0_BCLK I I 2S0_HV GND I I 2S0_HV 68 66 XCTL0/PCLKO O RSTB_EN PNPRST O RSTB_EN 69 67 XCTL1/RING O (1) XTRA_EN + XTRA_CS LD_SEL1 O XTRA_EN * XTRA_CS 75 73 IRQ(15) O (2) IRQSEL15_11 IRQ(11) O (2) IRQSEL15_11 76 74 IRQ(11) O (2) IRQSEL4_9_11 IRQ(9) O (2) IRQSEL4_9_11* MODEM_EN IRQ(4) O (2) IRQSEL4_9_11* MODEM_EN 77 75 IRQ(10) O (2) IRQSEL4_10 IRQ(4) O (2) IRQSEL4_10 78 76 IRQ(9) O (2) IRQSEL9_14 IRQ(14) O (2) IRQSEL9_14 81 79 I 2S1_DATA I MODEM_EN * SUPER_EN * IRQ_EN IRQ(3) O (2) (MODEM_EN + SUPER_EN + IRQ_EN) * IRQSEL3_9 IRQ(9) O (2) (MODEM_EN + SUPER_EN + IRQ_EN) * IRQSEL3_9 82 80 I 2S1_BCLK I MODEM_EN MDM_IRQ I MODEM_EN 83 81 I 2S1_LRCLK I MODEM_EN * SUPER_EN * IRQ_EN MDM_SEL O (4) MODEM_EN * SUPER_EN IRQ(12) O (2) ( MODEM_EN + SUPER_EN) * IRQ_EN * IRQSEL12_13 IRQ(13) O (2) ( MODEM_EN + SUPER_EN) * IRQ_EN * IRQSEL12_13 97 95 SPORT_SCLK O XTRA_EN * XTRA_HV LD_SEL0 O XTRA_EN No Connect O XTRA_EN * XTRA_HV 98 96 SPORT_SDFS O (3) XTRA_EN * XTRA_HV LD_DRQ I XTRA_EN * XTRA_HV VOL_UP I XTRA_HV 99 97 SPORT_SDO O (3) XTRA_EN * XTRA_HV LD_DACK O (3) XTRA_EN * XTRA_HV VOL_DN I (XTRA_EN + XTRA_CS) * XTRA_HV GND I XTRA_EN * XTRA_HV * XTRA_CS 100 98 SPORT_SDI I XTRA_EN * XTRA_HV LD_IRQ I XTRA_EN VOL_DN I XTRA_EN * XTRA_HV * XTRA_CS GND I XTRA_EN * XTRA_HV * XTRA_CS (1) Open-drain driver with internal weak pull-up. (2) PC_IRQ pins are three-stated if not assigned to a logical device. (3) A pull-up or pull-down resistor may be required if EEPROM is used, because this pin is three-stated while EEPROM is read. (4) An internal pull-up holds this pin deasserted until the EEPROM is read. NOTE The direction of some pins (input vs. output) depends on the flags. In order to prevent conflicts on pins that may be both inputs and outputs, the AD1816 and AD1816A disable the output drivers for those pins while the flags are being read from the EEPROM, and keep them disabled if the EEPROM data is invalid. |