Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

41594B Fiches technique(PDF) 200 Page - Microchip Technology

No de pièce 41594B
Description  8-Bit Flash Microcontroller with nanoWatt XLP Technology
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

41594B Fiches technique(HTML) 200 Page - Microchip Technology

Back Button 41594B Datasheet HTML 196Page - Microchip Technology 41594B Datasheet HTML 197Page - Microchip Technology 41594B Datasheet HTML 198Page - Microchip Technology 41594B Datasheet HTML 199Page - Microchip Technology 41594B Datasheet HTML 200Page - Microchip Technology 41594B Datasheet HTML 201Page - Microchip Technology 41594B Datasheet HTML 202Page - Microchip Technology 41594B Datasheet HTML 203Page - Microchip Technology 41594B Datasheet HTML 204Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 372 page
background image
PIC12LF1840T48A
DS41594B-page 200
Preliminary
 2011-2012 Microchip Technology Inc.
24.4.3
AUTO-RESTART MODE
The Enhanced PWM can be configured to automati-
cally restart the PWM signal once the auto-shutdown
condition has been removed. Auto-restart is enabled by
setting the P1RSEN bit in the PWM1CON register.
If auto-restart is enabled, the CCP1ASE bit will remain
set as long as the auto-shutdown condition is active.
When the auto-shutdown condition is removed, the
CCP1ASE bit will be cleared via hardware and normal
operation will resume.
FIGURE 24-11:
PWM AUTO-SHUTDOWN WITH AUTO-RESTART (P1RSEN = 1)
Shutdown
PWM
CCP1ASE bit
Activity
Event
Shutdown
Event Occurs
Shutdown
Event Clears
PWM Period
Start of
PWM Period
CCP1ASE
Cleared by
Hardware
Timer
Overflow
Timer
Overflow
Timer
Overflow
Timer
Overflow
Missing Pulse
(Auto-Shutdown)
Missing Pulse
(CCP1ASE not clear)
Timer
Overflow
PWM
Resumes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More